Electronic Components Datasheet Search |
|
ASM5I2305AF-1H-08-TT Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation |
|
ASM5I2305AF-1H-08-TT Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation |
7 / 20 page ASM5P2309A September 2005 ASM5P2305A rev 1.6 3.3V Zero Delay Buffer 7 of 20 Notice: The information in this document is subject to change without notice. Switching Characteristics for ASM5P2305A-1H and ASM5P2309A-1H Commercial Temperature Devices 9 Parameter Description Test Conditions Min Typ Max Unit 1/t1 Output Frequency 30pF load 10pF load 15 15 100 133 MHz Duty Cycle 8 = (t2 / t1) * 100 Measured at 1.4 V, FOUT = 66.67MHz 40 50 60 Duty Cycle 8 = (t2 / t1) * 100 Measured at 1.4 V, FOUT < 50.0MHz 45 50 55 % t3 Output Rise Time 8 Measured between 0.8V and 2.0V 1.5 nS t4 Output Fall Time 8 Measured between 2.0V and 0.8V 1.5 nS t5 Output-to-output skew 8 All outputs equally loaded 250 pS t6 Delay, REF Rising Edge to CLKOUT Rising Edge 8 Measured at VDD /2 0 ± 350 pS t7 Device-to-Device Skew 8 Measured at VDD/2 on the CLKOUT pins of the device 0 700 pS t8 Output Slew Rate 8 Measured between 0.8V and 2.0V using Test Circuit #2 1 V/nS tJ Cycle-to-cycle jitter 8 Measured at 66.67 MHz, loaded outputs 200 pS tLOCK PLL Lock Time 8 Stable power supply, valid clock presented on REF pin 1.0 mS Notes: 8. Parameter is guaranteed by design and characterization. Not 100% tested in production 9. All parameters specified with loaded outputs. Operating Conditions for ASM5I2305A and ASM5I2309A Industrial Temperature Devices Parameter Description Min Max Unit VDD Supply Voltage 3.0 3.6 V TA Operating Temperature (Ambient Temperature) -40 85 °C CL Load Capacitance, below 100MHz 30 pF CL Load Capacitance, from 100MHz to 133MHz 15 pF CIN Input Capacitance 7 pF |
Similar Part No. - ASM5I2305AF-1H-08-TT |
|
Similar Description - ASM5I2305AF-1H-08-TT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |