Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-80810CNPF-B8ATFG Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-80810CNPF-B8ATFG
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80810CNPF-B8ATFG Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-80810CNPF-B8ATFG Datasheet HTML 1Page - Seiko Instruments Inc S-80810CNPF-B8ATFG Datasheet HTML 2Page - Seiko Instruments Inc S-80810CNPF-B8ATFG Datasheet HTML 3Page - Seiko Instruments Inc S-80810CNPF-B8ATFG Datasheet HTML 4Page - Seiko Instruments Inc S-80810CNPF-B8ATFG Datasheet HTML 5Page - Seiko Instruments Inc S-80810CNPF-B8ATFG Datasheet HTML 6Page - Seiko Instruments Inc S-80810CNPF-B8ATFG Datasheet HTML 7Page - Seiko Instruments Inc S-80810CNPF-B8ATFG Datasheet HTML 8Page - Seiko Instruments Inc S-80810CNPF-B8ATFG Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.2_00
S-808xxC Series
Seiko Instruments Inc.
3
Product Name Structure
The detection voltage, output form and packages for S-808xxC Series can be selected at the user's request.
Refer to the "1. Product Name" for the construction of the product name and "2. Product Name List" for the
full product names.
1. Product Name
1-1. SC-82AB, SOT-23-5, SOT-89-3 packages
S-808xx
C x
xx
− xxx − T2
IC detection in tape specifications
*1
T2: SC-82AB, SOT-23-5, SOT-89-3
Product code
*2
Package code
NB: SC-82AB
MC: SOT-23-5
UA: SOT-89-3
Output form
N: Nch open-drain output (Active Low)
L: CMOS output (Active Low)
Detection voltage value
08 to 60
(e.g.
When the detection voltage is 0.8 V,
it is expressed as 08.)
*1. Refer to the taping specifications at the end of this book. T2 is the standard.
*2. Refer to the Table 1 and 3 in the “2. Product Name List”
1-2. SNT-4A packages
S-808xx
C x
PF
− xxx TF G
Fixed
IC detection in tape specifications
*1
TF: SNT-4A
Product code
*2
Package code
PF: SNT-4A
Output form
N: Nch open-drain output (Active Low)
L: CMOS output (Active Low)
Detection voltage value
08 to 60
(e.g.
When the detection voltage is 0.8 V,
it is expressed as 08.)
*1. Refer to the taping specifications at the end of this book. TF is the standard.
*2. Refer to the Table 2 and 4 in the “2. Product Name List”


Similar Part No. - S-80810CNPF-B8ATFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80810CNPF-B9OTFG SII-S-80810CNPF-B9OTFG Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results

Similar Description - S-80810CNPF-B8ATFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com