Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1004C1C-P12 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K6R1004C1C-P12
Description  256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1004C1C-P12 Datasheet(HTML) 4 Page - Samsung semiconductor

  K6R1004C1C-P12 Datasheet HTML 1Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 2Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 3Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 4Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 5Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 6Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 7Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 8Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PRELIMINARY
Revision 3.0
- 4 -
September 2001
PRELIMINARY
K6R1004C1C-C/C-L, K6R1004C1C-I/C-P
CMOS SRAM
TEST CONDITIONS
Parameter
Value
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3ns
Input and Output timing Reference Levels
1.5V
Output Loads
See below
AC CHARACTERISTICS(TA=0 to 70
°C, VCC=5.0V±10%, unless otherwise noted.)
Output Loads(B)
DOUT
5pF*
480
255
for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ
+5.0V
* Including Scope and Jig Capacitance
Output Loads(A)
DOUT
RL = 50
ZO = 50
VL = 1.5V
30pF*
* Capacitive Load consists of all components of the
test environment.
READ CYCLE*
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
K6R1004C1C-10
K6R1004C1C-12
K6R1004C1C-15
Unit
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
10
-
12
-
15
-
ns
Address Access Time
tAA
-
10
-
12
-
15
ns
Chip Select to Output
tCO
-
10
-
12
-
15
ns
Output Enable to Valid Output
tOE
-
5
-
6
-
7
ns
Chip Enable to Low-Z Output
tLZ
3
-
3
-
3
-
ns
Output Enable to Low-Z Output
tOLZ
0
-
0
-
0
-
ns
Chip Disable to High-Z Output
tHZ
0
5
0
6
0
7
ns
Output Disable to High-Z Output
tOHZ
0
5
0
6
0
7
ns
Output Hold from Address Change
tOH
3
-
3
-
3
-
ns
Chip Selection to Power Up Time
tPU
0
-
0
-
0
-
ns
Chip Selection to Power DownTime
tPD
-
10
-
12
-
15
ns


Similar Part No. - K6R1004C1C-P12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-12 SAMSUNG-K6R1004C1A-12 Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-15 SAMSUNG-K6R1004C1A-15 Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-20 SAMSUNG-K6R1004C1A-20 Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-C12 SAMSUNG-K6R1004C1A-C12 Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
More results

Similar Description - K6R1004C1C-P12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
K6R1004C1D SAMSUNG-K6R1004C1D Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004V1C-C SAMSUNG-K6R1004V1C-C Datasheet
137Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6R1016C1C SAMSUNG-K6R1016C1C Datasheet
190Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(5.0V Operating).
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com