Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT6517LT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT6517LT1
Description  High Voltage Transistor(NPN Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT6517LT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT6517LT1 Datasheet HTML 1Page - ON Semiconductor MMBT6517LT1 Datasheet HTML 2Page - ON Semiconductor MMBT6517LT1 Datasheet HTML 3Page - ON Semiconductor MMBT6517LT1 Datasheet HTML 4Page - ON Semiconductor MMBT6517LT1 Datasheet HTML 5Page - ON Semiconductor MMBT6517LT1 Datasheet HTML 6Page - ON Semiconductor MMBT6517LT1 Datasheet HTML 7Page - ON Semiconductor MMBT6517LT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMBT6517LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 30 mAdc, VCE = 10 Vdc)
(IC = 50 mAdc, VCE = 10 Vdc)
(IC = 100 mAdc, VCE = 10 Vdc)
hFE
20
30
30
20
15
200
200
Collector–Emitter Saturation Voltage (3)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 20 mAdc, IB = 2.0 mAdc)
(IC = 30 mAdc, IB = 3.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
0.30
0.35
0.50
1.0
Vdc
Base–Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 20 mAdc, IB = 2.0 mAdc)
(IC = 30 mAdc, IB = 3.0 mAdc)
VBE(sat)
0.75
0.85
0.90
Vdc
Base–Emitter On Voltage
(IC = 100 mAdc, VCE = 10 Vdc)
VBE(on)
2.0
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 20 MHz)
fT
40
200
MHz
Collector–Base Capacitance
(VCB = 20 Vdc, f = 1.0 MHz)
Ccb
6.0
pF
Emitter–Base Capacitance
(VEB = 0.5 Vdc, f = 1.0 MHz)
Ceb
80
pF
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle = 2.0%.
Figure 1.


Similar Part No. - MMBT6517LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT6517LT1 MOTOROLA-MMBT6517LT1 Datasheet
230Kb / 8P
   High Voltage Transistor
logo
Leshan Radio Company
MMBT6517LT1 LRC-MMBT6517LT1 Datasheet
169Kb / 5P
   High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT6517LT1G ONSEMI-MMBT6517LT1G Datasheet
162Kb / 5P
   High Voltage Transistor
August, 2009 ??Rev. 6
More results

Similar Description - MMBT6517LT1

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
   NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
   NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
   NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
   High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Zowie Technology Corpor...
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
PZTA42 INFINEON-PZTA42 Datasheet
41Kb / 4P
   NPN Silicon High Voltage Transistor
Jun-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com