Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII141B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SII141B
Description  SiI 141B PanelLink Digital Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SII141B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SII141B Datasheet HTML 1Page - List of Unclassifed Manufacturers SII141B Datasheet HTML 2Page - List of Unclassifed Manufacturers SII141B Datasheet HTML 3Page - List of Unclassifed Manufacturers SII141B Datasheet HTML 4Page - List of Unclassifed Manufacturers SII141B Datasheet HTML 5Page - List of Unclassifed Manufacturers SII141B Datasheet HTML 6Page - List of Unclassifed Manufacturers SII141B Datasheet HTML 7Page - List of Unclassifed Manufacturers SII141B Datasheet HTML 8Page - List of Unclassifed Manufacturers SII141B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Subject to Change without Notice
SiI 141B PanelLink
®
Digital Receiver
May 2001
General Description
Features
The SiI 141B uses PanelLink Digital technology to support displays
ranging from VGA to High Refresh XGA (25-86 MHz), which is ideal for LCD
desktop monitor applications. With a flexible single or dual pixel out interface
and selectable output drive, the SiI 141B receiver supports up to true color
panels (24 bit/pixel, 16.7M colors) in 1 pixel/clock mode (18 bit/pixel in 2
pixel/clock mode). PanelLink also features an inter-pair skew tolerance up to
1 full input clock cycle. The SiI 141B is pin for pin compatible with the SiI
141 but incorporates a number of enhancements.
These include an
improved jitter tolerant PLL design, new HSYNC filter and power down when
the clock is inactive. All PanelLink products are designed on a scaleable
CMOS architecture to support future performance requirements while
maintaining the same logical interface. System designers can be assured
that the interface will be fixed through a number of technology and
performance generations.
PanelLink Digital technology simplifies PC design by resolving many of
the system level issues associated with high-speed digital design, providing
the system designer with a digital interface solution that is quicker to market
and lower in cost.
• Scaleable Bandwidth: 25-86 MHz (VGA to High
Refresh XGA)
• Low Power: 3.3V core operation & power-down mode
• Automatic power down when clock is inactive
• High Skew Tolerance: 1 full input clock cycle (15ns at
65 MHz)
• Pin-compatible with SiI 101, SiI 141
• Sync Detect: for Plug & Display “Hot Plugging”
• Cable Distance Support: over 5m with twisted-pair,
fiber-optics ready
• Compliant with DVI 1.0 (DVI is backwards compatible
with VESA® P&D
TM and DFP)
SiI 141B Pin Diagram
1
SiI141B
80-Pin TQFP
(Top View)
PD
2
PDO
3
OGND
4
PIXS
5
DFO
6
SCDT
7
CTL1
8
CTL2
9
CTL3
10
GND
11
HSYNC
12
OGND
13
VSYNC
14
OVCC
15
Q0
16
56
Q30
55
Q29
54
Q28
53
Q27
52
Q26
51
VCC
50
Q25
49
OVCC
48
Q24
47
OGND
46
Q23
45
Q22
44
Q21
43
Q20
42
DE
41
Q31
8-bit Channel 0 Data
1-pixel/clock
24-bit Input Data for 1-pixel/clock mode
DIFFERENTIAL SIGNAL
8-bit Channel 1 Data
1-pixel/clock
MISC.
Q1
17
Q2
18
Q3
19
Q4
20
60
Q34
59
Q33
58
Q32
57
Q35
8-bit Channel 2 Data
1-pixel/clock
6-bit Even Channel 2
Data 2-pixel/clock
6-bit Even Channel 1
Data 2-pixel/clock
6-bit Odd Channel 0
Data 2-pixel/clock
18-bit Even Data for 2-pixel/clock mode
RESERVED


Similar Part No. - SII141B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SII145S12 SIRECTIFIER-SII145S12 Datasheet
629Kb / 2P
   SPT IGBT Modules
More results

Similar Description - SII141B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SII161A ETC-SII161A Datasheet
260Kb / 22P
   SiI 161A PanelLink Receiver
logo
Silicon image
SII164CTG64 SILICONIMAGE-SII164CTG64 Datasheet
316Kb / 34P
   SiI 164 PanelLink Transmitter
1364ADD2 SILICONIMAGE-1364ADD2 Datasheet
2Mb / 2P
   Featuring the SiI 1364 PanelLink Transmitter
SII9993-35-IP SILICONIMAGE-SII9993-35-IP Datasheet
158Kb / 2P
   PanelLink Receiver
SII1161 SILICONIMAGE-SII1161 Datasheet
378Kb / 46P
   PanelLink Receiver
SII9011 SILICONIMAGE-SII9011 Datasheet
230Kb / 2P
   PanelLink Receiver
SII9031 SILICONIMAGE-SII9031 Datasheet
170Kb / 2P
   PanelLink Receiver
SII1151 SILICONIMAGE-SII1151 Datasheet
357Kb / 44P
   PanelLink Receiver
SII1169 SILICONIMAGE-SII1169 Datasheet
207Kb / 2P
   PanelLink Receiver
SII9021 SILICONIMAGE-SII9021 Datasheet
237Kb / 2P
   PanelLink Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com