Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X2781A-08TR Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # X2781A-08TR
Description  General Purpose EMI Reduction IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

X2781A-08TR Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  X2781A-08TR Datasheet HTML 1Page - Alliance Semiconductor Corporation X2781A-08TR Datasheet HTML 2Page - Alliance Semiconductor Corporation X2781A-08TR Datasheet HTML 3Page - Alliance Semiconductor Corporation X2781A-08TR Datasheet HTML 4Page - Alliance Semiconductor Corporation X2781A-08TR Datasheet HTML 5Page - Alliance Semiconductor Corporation X2781A-08TR Datasheet HTML 6Page - Alliance Semiconductor Corporation X2781A-08TR Datasheet HTML 7Page - Alliance Semiconductor Corporation X2781A-08TR Datasheet HTML 8Page - Alliance Semiconductor Corporation X2781A-08TR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
July 2005
P2781/82/84
rev 1.5
General Purpose EMI Reduction IC
5 of 11
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Supply voltage, DC
(VSS – 0.5) to 7
V
VI
Input voltage, DC
(VSS-0.5) to (VDD+0.5)
V
VO
Output voltage, DC
(VSS-0.5) to (VDD + 0.5)
V
IIK
Input clamp current (VI<0 or VI>VDD)
-50 to +50
mA
IOK
Output clamp current (VI<0 or VI>VDD)
-50 to +50
mA
TS
Storage temperature
-65 to +125
°C
TA
Ambient temperature range, under bias
-55 to 125
°C
TJ
Junction temperature
150
°C
Lead temperature (soldering 10 sec)
260
°C
Input static discharge voltage protection
(As per JEDEC STD22- A114-B)
2
kV
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for extended periods may affect device
reliability.
DC Electrical Characteristics
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS – 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD +0.3
V
IIL
Input low current
(internal input pull-up resistor on FS0 and FS1)
-
60
-
µA
IIH
Input high current
(internal input pull-up resistor on FS0 and FS1)
-
60
-
µA
IXOL
XOUT output low current
-
10
-
mA
IXOH
XOUT output high current
-
10
-
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 20mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 20mA)
2.5
-
-
V
IDD
Static supply current
-
3
-
mA
ICC
Typical dynamic supply current
(25pF scope probe loading)
5.2 at 3MHz
-
21.2 at 82MHz
mA
VDD
Operating voltage
3.0
3.3
3.6
V


Similar Description - X2781A-08TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781 ONSEMI-P2781 Datasheet
154Kb / 8P
   General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
P2681A ALSC-P2681A Datasheet
471Kb / 10P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
P2027A ONSEMI-P2027A Datasheet
112Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2027A ALSC-P2027A Datasheet
549Kb / 9P
   General Purpose EMI Reduction IC
P2008A ALSC-P2008A Datasheet
172Kb / 9P
   General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2008A PULSECORE-P2008A Datasheet
173Kb / 8P
   General Purpose EMI Reduction IC
P2781 PULSECORE-P2781 Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com