Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7211AMLPL Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICM7211AMLPL
Description  4-Digit, LCD Display Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7211AMLPL Datasheet(HTML) 5 Page - Intersil Corporation

  ICM7211AMLPL Datasheet HTML 1Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 2Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 3Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 4Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 5Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 6Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 7Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 8Page - Intersil Corporation ICM7211AMLPL Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Input Definitions In this table, VDD and VSS are considered to be normal operating input logic levels. Actual input low and high levels are
specified under Operating Characteristics. For lowest power consumption, input signals should swing over the full supply.
INPUT
DIP TERMINAL
CONDITIONS
FUNCTION
B0
27
VDD = Logical One
VSS = Logical Zero
Ones (Least Significant)
Data Input Bits
B1
28
VDD = Logical One
VSS = Logical Zero
Twos
B2
29
VDD = Logical One
VSS = Logical Zero
Fours
B3
30
VDD = Logical One
VSS = Logical Zero
Eights (Most Significant)
OSC
36
Floating or with External
Capacitor to VDD
Oscillator Input
VSS
Disables BP output devices, allowing segments to be synchronized to
an external signal input at the BP terminal (Pin 5).
Multiplexed-Binary Input Configuration
INPUT
TERMINAL
CONDITIONS
FUNCTION
D1
31
VDD =Active
VSS =Inactive
D1 Digit Select (Least Significant)
D2
32
D2 Digit Select
D3
33
D3 Digit Select
D4
34
D4 Digit Select (Most Significant)
Microprocessor Interface Input Configuration
INPUT
DESCRIPTION
DIP TERMINAL
CONDITIONS
FUNCTION
DA1
Digit Address
Bit 1 (LSB)
31
VDD = Logical One
VSS = Logical Zero
DA1 and DA2 serve as a 2-bit Digit Address Input
DA2, DA1 = 00 selects D4
DA2, DA1 = 01 selects D3
DA2, DA1 = 10 selects D2
DA2, DA1 = 11 selects D1
DA2
Digit Address
Bit 2 (MSB)
32
VDD = Logical One
VSS = Logical Zero
CS1
Chip Select 1
33
VDD =Inactive
VSS =Active
When both CS1 and CS2 are taken low, the data at the Data
and Digit Select code inputs are written into the input latches.
On therisingedgeof either ChipSelect, the data is decoded
and written into the output latches.
CS2
Chip Select 2
34
VDD =Inactive
VSS =Active
Timing Diagrams
FIGURE 1. MULTIPLEXED INPUT
FIGURE 2. MICROPROCESSOR INTERFACE INPUT
DIGIT SELECT
DN-1
DIGIT SELECT
DN
tDH
tDS
DATA VALID
DN
DATA VALID
DN-1
tIDS
tWH
tIDS
CS1
(CS2)
CS2
(CS1)
DATA AND
DIGIT
ADDRESS
= DON’T CARE
tDH
tDS
tWI
tICS
ICM7211A


Similar Part No. - ICM7211AMLPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7211AMLPL INTERSIL-ICM7211AMLPL Datasheet
83Kb / 12P
   4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
ICM7211AMLPL INTERSIL-ICM7211AMLPL Datasheet
258Kb / 7P
   4-Digit, LCD Display Driver
ICM7211AMLPL INTERSIL-ICM7211AMLPL Datasheet
204Kb / 8P
   4-Digit, LCD Display Driver
ICM7211AMlPL INTERSIL-ICM7211AMlPL Datasheet
223Kb / 9P
   4-Digit, LCD Display Driver
October 22, 2015
logo
Renesas Technology Corp
ICM7211AMlPL RENESAS-ICM7211AMlPL Datasheet
459Kb / 9P
   4-Digit, LCD Display Driver
More results

Similar Description - ICM7211AMLPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
   4-Digit, LCD Display Driver
ICM7211AM INTERSIL-ICM7211AM Datasheet
258Kb / 7P
   4-Digit, LCD Display Driver
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
   4-Digit, LCD Display Driver
October 22, 2015
logo
Renesas Technology Corp
ICM7211AM RENESAS-ICM7211AM Datasheet
459Kb / 9P
   4-Digit, LCD Display Driver
logo
ams AG
AS1108 AMSCO-AS1108 Datasheet
601Kb / 19P
   4-Digit LED Display Driver
AS1108 AMSCO-AS1108_1 Datasheet
592Kb / 19P
   4-Digit LED Display Driver
logo
Princeton Technology Co...
PT6522 PTC-PT6522 Datasheet
698Kb / 13P
   LCD Display Driver
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W Datasheet
201Kb / 29P
   LCD Display Driver
November, 2013
logo
Finechips
FD2000 FINECHIPS-FD2000 Datasheet
4Mb / 37P
   LCD Display Driver
logo
ON Semiconductor
LC75829PE ONSEMI-LC75829PE Datasheet
207Kb / 22P
   LCD Display Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com