Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2301AIDG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2301AIDG4
Description  Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2301AIDG4 Datasheet(HTML) 3 Page - Texas Instruments

  OPA2301AIDG4 Datasheet HTML 1Page - Texas Instruments OPA2301AIDG4 Datasheet HTML 2Page - Texas Instruments OPA2301AIDG4 Datasheet HTML 3Page - Texas Instruments OPA2301AIDG4 Datasheet HTML 4Page - Texas Instruments OPA2301AIDG4 Datasheet HTML 5Page - Texas Instruments OPA2301AIDG4 Datasheet HTML 6Page - Texas Instruments OPA2301AIDG4 Datasheet HTML 7Page - Texas Instruments OPA2301AIDG4 Datasheet HTML 8Page - Texas Instruments OPA2301AIDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
OPA300, OPA2300
OPA301, OPA2301
SBOS271B − MAY 2003 − REVISED JUNE 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = 2.7V to 5.5V
Boldface limits apply over the temperature range, TA = −40°C to +125°C.
All specifications at TA = +25°C, RL = 2kΩ connected to VS/2, VOUT = VS/2, and VCM = VS/2, unless otherwise noted.
OPA300, OPA301
OPA2300, OPA2301
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = 5V
1
5
mV
Over Temperature
7
mV
Drift
dVOS/dT
2.5
µV/°C
vs. Power Supply
PSRR
VS = 2.7V to 5.5V, VCM < (V+) –0.9V
50
200
µV/V
Channel Separation, dc
140
dB
f = 5MHz
100
dB
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V−) − 0.2
(V+) − 0.9
V
Common-Mode Rejection Ratio
CMRR
(V−) − 0.2V < VCM < (V+) – 0.9V
66
80
dB
INPUT BIAS CURRENT
Input Bias Current
IB
±0.1
±5
pA
Input Offset Current
IOS
±0.5
±5
pA
INPUT IMPEDANCE
Differential
1013 || 3
|| pF
Common-Mode
1013 || 6
|| pF
NOISE
Input Voltage Noise, f = 0.1Hz to 1MHz
40
µVPP
Input Voltage Noise Density, f > 1MHz
en
3
nV/
√Hz
Input Current Noise Density, f < 1kHz
in
1.5
fA/
√Hz
Differential Gain Error
NTSC, RL = 150Ω
0.01
%
Differential Phase Error
NTSC, RL = 150Ω
0.1
°
OPEN-LOOP GAIN
Open−Loop Voltage Gain
AOL
VS = 5V, RL = 2kΩ, 0.1V < VO < 4.9V
95
106
dB
Over Temperature
VS = 5V, RL = 2kΩ, 0.1V < VO < 4.9V
90
dB
VS = 5V, RL = 100Ω, 0.5V < VO < 4.5V
95
106
dB
Over Temperature
VS = 5V, RL = 100Ω, 0.5V < VO < 4.5V
90
dB
OUTPUT
Voltage Output Swing from Rail
RL = 2kΩ, AOL > 95dB
75
100
mV
RL = 100Ω, AOL > 95dB
300
500
mV
Short-Circuit Current
ISC
70
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
150
MHz
Slew Rate
SR
G = +1
80
V/
µs
Settling Time, 0.01%
tS
VS = 5V, 2V Step, G = +1
90
ns
0.1%
30
ns
Overload Recovery Time
Gain = −1
30
ns
Total Harmonic Distortion + Noise
THD+N
VS = 5V, VO = 3VPP, G = +1, f = 1kHz
0.003
%
POWER SUPPLY
Specified Voltage Range
VS
2.7
5.5
V
Operating Voltage Range
2.7 to 5.5
V
Quiescent Current (per amplifier)
IQ
IO = 0
9.5
12
mA
Over Temperature
13
mA
SHUTDOWN
tOFF
40
ns
tON
5
µs
VL (shutdown)
(V−) − 0.2
(V−) + 0.8
V
VH (amplifier is active)
(V−) + 2.5
(V+) + 0.2
V
IQSD (per amplifier)
3
10
µA
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−55
+125
°C
Storage Range
−60
+150
°C
Thermal Resistance
θJA
°C/W
SO-8, MSOP−8, MSOP-10
150
°C/W
SOT23-5, SOT23-6
200
°C/W


Similar Part No. - OPA2301AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2301AIDG4 TI1-OPA2301AIDG4 Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2301AIDG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com