Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2301AIDGKTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2301AIDGKTG4
Description  Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2301AIDGKTG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2301AIDGKTG4 Datasheet HTML 1Page - Texas Instruments OPA2301AIDGKTG4 Datasheet HTML 2Page - Texas Instruments OPA2301AIDGKTG4 Datasheet HTML 3Page - Texas Instruments OPA2301AIDGKTG4 Datasheet HTML 4Page - Texas Instruments OPA2301AIDGKTG4 Datasheet HTML 5Page - Texas Instruments OPA2301AIDGKTG4 Datasheet HTML 6Page - Texas Instruments OPA2301AIDGKTG4 Datasheet HTML 7Page - Texas Instruments OPA2301AIDGKTG4 Datasheet HTML 8Page - Texas Instruments OPA2301AIDGKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FEATURES
D High Bandwidth: 150MHz
D 16-Bit Settling in 150ns
D Low Noise: 3nV/√Hz
D Low Distortion: 0.003%
D Low Power: 9.5mA (typ) on 5.5V
D Shutdown to 5µA
D Unity-Gain Stable
D Excellent Output Swing:
(V+) − 100mV to (V−) + 100mV
D Single Supply: +2.7V to +5.5V
D Tiny Packages: MSOP and SOT23
APPLICATIONS
D 16-Bit ADC Input Drivers
D Low-Noise Preamplifiers
D IF/RF Amplifiers
D Active Filtering
DESCRIPTION
The
OPA300
and
OPA301
series
high-speed,
voltage-feedback, CMOS operational amplifiers are
designed
for
16-bit
resolution
systems.
The
OPA300/OPA301 series are unity-gain stable and
feature excellent settling and harmonic distortion
specifications. Low power applications benefit from low
quiescent current. The OPA300 and OPA2300 feature
a digital shutdown (Enable) function to provide
additional power savings during idle periods. Optimized
for single-supply operation, the OPA300/OPA301
series offer superior output swing and excellent
common-mode range.
The OPA300 and OPA301 series op amps have
150MHz of unity-gain bandwidth, low 3nV/
√Hz voltage
noise, and 0.1% settling within 30ns. Single-supply
operation from 2.7V (
±1.35V) to 5.5V (±2.75V) and an
available shutdown function that reduces supply
current to 5
µA are useful for portable low-power
applications. The OPA300 and OPA301 are available in
SO-8 and SOT-23 packages. The OPA2300 is available
in MSOP-10, and the OPA2301 is available in SO-8 and
MSOP-8. All versions are specified over the industrial
temperature range of −40
°C to +125°C.
Typical Application
ADS8401
10
V
IN
1.5nF
130pF
(mica)
OPA30x
1820
f
S =1.25MSPS
f=10kHz
5V
130pF
(mica)
1820
All trademarks are the property of their respective owners.
OPA300, OPA2300
OPA301, OPA2301
SBOS271B − MAY 2003 − REVISED JUNE 2005
Low-Noise, High-Speed, 16-Bit Accurate, CMOS
OPERATIONAL AMPLIFIER
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003−2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA2301AIDGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2301AIDGKTG4 TI1-OPA2301AIDGKTG4 Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2301AIDGKTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com