Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79M576A Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79M576A
Description  Metering Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79M576A Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79M576A Datasheet HTML 7Page - Advanced Micro Devices AM79M576A Datasheet HTML 8Page - Advanced Micro Devices AM79M576A Datasheet HTML 9Page - Advanced Micro Devices AM79M576A Datasheet HTML 10Page - Advanced Micro Devices AM79M576A Datasheet HTML 11Page - Advanced Micro Devices AM79M576A Datasheet HTML 12Page - Advanced Micro Devices AM79M576A Datasheet HTML 13Page - Advanced Micro Devices AM79M576A Datasheet HTML 14Page - Advanced Micro Devices AM79M576A Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SLIC Products
11
11. Total Harmonic distortion with metering is specified with a metering signal of 2.2 Vrms at the two-wire output, and a transmit
signal of +3 dBm or receive signal of –4 dBm. The transmit or receive signals are single-frequency inputs, and the distortion
is measured as the highest in band harmonic at the two-wire or the four-wire output relative to the input signal.
12. Noise with metering is measured by applying a 2.2 Vrms metering signal (measured at the two-wire output) and measuring
the psophometric noise at the two-wire outputs over a 200 ms time interval.
Note:
* A logic Low on E0 disables DET output into the Open Collector state.
Table 1.
SLIC Decoding
DET Output
State
C3 C2 C1
Two-Wire Status
E0 = 1*
E1 = 0
E0 = 1*
E1 = 1
0
1
2
3
4
5
6
7
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
Open Circuit
Ringing
Active
On-hook TX (OHT)
Tip Open
Reserved
Active Polarity Reversal
OHT Polarity Reversal
Ring trip
Ring trip
Loop detector
Loop detector
Loop detector
Loop detector
Loop detector
Loop detector
Ring trip
Ring trip
Ground key
Ground key
Ground key
Ground key
Table 2.
User-Programmable Components
ZT is connected between the VTX and RSN pins. The fuse
resistors are RF, and Z2WIN is the desired two-wire AC input
impedance. When computing ZT, the internal current amplifier
pole and any external stray capacitance between VTX and
RSN must be taken into account.
ZRX is connected from VRX to RSN. ZT is defined above. This
equation sets the receive gain to 0 dB when the SLIC
terminates with an impedance equal to Z2WIN.
RDC1, RDC2, and CDC form the network connected to the RDC
pin. RDC1 and RDC2 are approximately equal.
RD and CD form the network connected from RD to –5 V and IT
is the threshold current between on-hook and off-hook.
ZM is connected from VMG (metering source) to the RSN pin,
VM2W is the desired magnitude of the metering signal at the
2-wire output (usually 2.2 Vrms) and K1 ( ) is defined below.
where: CX = The values of the identical capacitors from
A and B to GND
metering frequency
Z
T
510 Z
2WIN
2R
F )
(
=
Z
RX
0.98 Z
T
()
=
R
DC 1
R
DC2
+50
R
FEED
2R
F
()
=
C
DC
1.5 ms
R
DC1
R
DC 2
+
R
DC1
R
DC 2
---------------------------------
=
R
D
365
I
T
---------,
=C
D
0.5 ms
R
D
----------------
=
Z
M
V
MG
V
M2W
----------------
K
1 ω
()Z
L
Z
T
Z
T
0.51 V
K
1 ω
()
2R
F
Z
L
+
()
+
-------------------------------------------------------------------------------------
=
ω
K
1 ω
()
1000
1j
ω 11.5 10
9
CX
2
--------
+


36
Z
L
2R
F
++
()
+
--------------------------------------------------------------------------------------------------------
=
ω
2
π•
=


Similar Part No. - AM79M576A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM79M574 ETC2-AM79M574 Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-1JC ETC2-AM79M574-1JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-2JC ETC2-AM79M574-2JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-JC ETC2-AM79M574-JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574JC ETC2-AM79M574JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
More results

Similar Description - AM79M576A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79M535 AMD-AM79M535 Datasheet
250Kb / 18P
   Metering Subscriber Line Interface Circuit
logo
List of Unclassifed Man...
AM79M574 ETC2-AM79M574 Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com