Electronic Components Datasheet Search |
|
S-80810CNPF-B8QTFG Datasheet(PDF) 7 Page - Seiko Instruments Inc |
|
S-80810CNPF-B8QTFG Datasheet(HTML) 7 Page - Seiko Instruments Inc |
7 / 54 page ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR Rev.3.2_00 S-808xxC Series Seiko Instruments Inc. 7 Table 2 (2/2) Detection voltage range Hysteresis width (Typ.) SNT-4A TO-92 *1 5.2 V ±2.0 % 0.260 V S-80852CNPF-B9DTFG S-80852CNY-x 5.3 V ±2.0 % 0.265 V S-80853CNPF-B9ETFG S-80853CNY-x 5.4 V ±2.0 % 0.270 V S-80854CNPF-B9FTFG S-80854CNY-x 5.5 V ±2.0 % 0.275 V S-80855CNPF-B9GTFG S-80855CNY-x 5.6 V ±2.0 % 0.280 V S-80856CNPF-B9HTFG S-80856CNY-x 5.7 V ±2.0 % 0.285 V S-80857CNPF-B9ITFG S-80857CNY-x 5.8 V ±2.0 % 0.290 V S-80858CNPF-B9JTFG S-80858CNY-x 5.9 V ±2.0 % 0.295 V S-80859CNPF-B9KTFG S-80859CNY-x 6.0 V ±2.0 % 0.300 V S-80860CNPF-B9LTFG S-80860CNY-x *1. x changes according to the packing form in TO-92. S: Bulk, F: Tape and reel, Z: Tape and ammo *2. Describes the release voltage. *3. Refer to the Table 18 in “ Electricala Characteristics for Customized Products” for electrical characteristics. *4. Refer to the Table 20 in “ Electricala Characteristics for Customized Products” for electrical characteristics |
Similar Part No. - S-80810CNPF-B8QTFG |
|
Similar Description - S-80810CNPF-B8QTFG |