Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C51 Datasheet(PDF) 4 Page - Winbond

Part # W78C51
Description  8-BIT EMULATION MICROCONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C51 Datasheet(HTML) 4 Page - Winbond

  W78C51 Datasheet HTML 1Page - Winbond W78C51 Datasheet HTML 2Page - Winbond W78C51 Datasheet HTML 3Page - Winbond W78C51 Datasheet HTML 4Page - Winbond W78C51 Datasheet HTML 5Page - Winbond W78C51 Datasheet HTML 6Page - Winbond W78C51 Datasheet HTML 7Page - Winbond W78C51 Datasheet HTML 8Page - Winbond W78C51 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
W78958B
- 4 -
PIN DESCRIPTION
ENSTD Enable Standard Type, Input, Active Low
TYPE
MODE
DESCRIPTION
Advanced
-
Default status is pulled high by internal pull-up resistor.
Standard
-
A low on this pin enables the standard type.
Note: "-" in "Mode" column means that the function description is valid in both modes, normal and emulation.
EA External Address, Input
TYPE
MODE
DESCRIPTION
Advanced
-
Functions same as in W78C438.
Standard
-
Functions same as in W78C51, W78C52, W78C154* or W78C58.
PSEN
TYPE
MODE
DESCRIPTION
Advanced
Normal
Functions same as in W78C438.
Emulation
In high impedance state.
Standard
Normal
Pins ROMS1 and ROMS0 determine the function of PSEN. For
details, see Table D1 below.
Emulation
In high impedance state.
ROMS1
ROMS0
FUNCTION of PSEN, PORT 0, AND PORT 2
0
0
Same as in the W78C51 (verify 4K ROM).
0
1
Same as in the W78C52 (verify 8K ROM).
1
0
Same as in the W78C154* (verify 16K ROM).
1
1
Same as in the W78C58 (verify 32K ROM).
Table D1.
ALE
TYPE
MODE
DESCRIPTION
Advanced
Normal
Functions same as in W78C32.
Emulation
In high impedance state.
Standard
Normal
Functions same as in W78C52.
Emulation
In high impedance state.


Similar Part No. - W78C51

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C516 WINBOND-W78C516 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
W78C516-24 WINBOND-W78C516-24 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
W78C516-40 WINBOND-W78C516-40 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
W78C516F-24 WINBOND-W78C516F-24 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
W78C516F-40 WINBOND-W78C516F-40 Datasheet
14Kb / 1P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C51

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com