Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C58 Datasheet(PDF) 6 Page - Winbond

Part # W78C58
Description  8-BIT EMULATION MICROCONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C58 Datasheet(HTML) 6 Page - Winbond

Back Button W78C58 Datasheet HTML 2Page - Winbond W78C58 Datasheet HTML 3Page - Winbond W78C58 Datasheet HTML 4Page - Winbond W78C58 Datasheet HTML 5Page - Winbond W78C58 Datasheet HTML 6Page - Winbond W78C58 Datasheet HTML 7Page - Winbond W78C58 Datasheet HTML 8Page - Winbond W78C58 Datasheet HTML 9Page - Winbond W78C58 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
W78958B
- 6 -
P3.7
−P3.0 Port 3, Bits 7−0
TYPE
MODE
DESCRIPTION
Advanced
Normal
Functions are the same as those in the W78C32.
Emulation
Frozen in the original state.
Standard
Normal
Functions are the same as those in the W78C52.
Emulation
Frozen in the original state.
DP4.7
−DP4.0 Address/Data Bus, Bits 7−0
TYPE
MODE
DESCRIPTION
Advanced
Normal
DP4 provides a multiplexed low-byte address/data bus during
accesses to external memory.
Emulation
When ESEL is held at "L" level, DP4 is the data input/output of the
SFR/PC and internal RAM. When ESEL is held at "H" level, DP4 is
in high impedance state.
Standard
Normal
Pins ROMS1 and ROMS0 determine functions of DP4. For details,
see Table D2.
Emulation
Same as in the advanced type.
ROMS1
ROMS0
FUNCTIONS OF DP4
0
0
Provides a multiplexed low-byte address/data bus during accesses to
external 4 KB EPROM.
0
1
Provides a multiplexed low-byte address/data bus during accesses to
external 8 KB EPROM.
1
0
Provides a multiplexed low-byte address/data bus during accesses to
external 16 KB EPROM.
1
1
Provides a multiplexed low-byte address/data bus during accesses to
external 32 KB EPROM.
Table D2.


Similar Part No. - W78C58

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C58 WINBOND-W78C58 Datasheet
304Kb / 22P
   8-BIT MICROCONTROLLER
W78C58-16 WINBOND-W78C58-16 Datasheet
304Kb / 22P
   8-BIT MICROCONTROLLER
W78C58-24 WINBOND-W78C58-24 Datasheet
304Kb / 22P
   8-BIT MICROCONTROLLER
W78C58-40 WINBOND-W78C58-40 Datasheet
304Kb / 22P
   8-BIT MICROCONTROLLER
W78C58F-16 WINBOND-W78C58F-16 Datasheet
304Kb / 22P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C58

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com