Electronic Components Datasheet Search |
|
HLMP-CW11-ZV0DD Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HLMP-CW11-ZV0DD Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 6 page Figure 4. Chromaticity shift vs. Current *Note: (x,y) values @ 20mA reference to (0,0) Electrical/Optical Characteristics TA = 25oC Parameters Symbol Min Typ Max Units Test Condition Forward voltage VF 3.2 4.0 V IF = 20 mA Reverse Voltage [1] VR 5.0 V IR = 10 µA Thermal resistance R θ J-PIN 240 oC/W LED Junction to anode lead Chromaticity Coordinates [2] X Y 0.31 0.31 IF = 20 mA Capacitance C 70 VF=0, f=1MHz Notes: 1. The reverse voltage of the product is equivalent to the forward voltage of the protective chip at IR = 10 µA 2. The chromaticity coordinates are derived from the CIE 1931 Chromaticity Diagram and represent the perceived color of the device. Figure 1. Relative Intensity vs. Wavelength 0.0 0.2 0.4 0.6 0.8 1.0 380 480 580 680 780 WAVELENGTH - nm Figure 2. Forward Current vs. Ambient Temperature Figure 3. Relative Intensity versus DC Forward Current Figure 5. Forward Current vs. Forward Voltage 0 5 10 15 20 25 30 35 020 40 60 80 100 AMBIENT TEMPERATURE - ˚C R θJ-A = 585˚C/W R θJ-A = 780˚C/W 0 0.3 0.6 0.9 1.2 1.5 010 20 30 FORWARD CURRENT - mA -0.010 -0.005 0.000 0.005 0.010 0.015 0.020 0.025 -0.005 0.000 0.005 0.010 0.015 X-COORDINATES 30mA 20mA 10mA 5mA 1mA 0 5 10 15 20 25 30 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 VF - FORWARD VOLTAGE - VOLTS |
Similar Part No. - HLMP-CW11-ZV0DD |
|
Similar Description - HLMP-CW11-ZV0DD |