Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3736 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3736
Description  3.2Gbps, Low-Power, Compact, SFP Laser Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3736 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3736 Datasheet HTML 1Page - Maxim Integrated Products MAX3736 Datasheet HTML 2Page - Maxim Integrated Products MAX3736 Datasheet HTML 3Page - Maxim Integrated Products MAX3736 Datasheet HTML 4Page - Maxim Integrated Products MAX3736 Datasheet HTML 5Page - Maxim Integrated Products MAX3736 Datasheet HTML 6Page - Maxim Integrated Products MAX3736 Datasheet HTML 7Page - Maxim Integrated Products MAX3736 Datasheet HTML 8Page - Maxim Integrated Products MAX3736 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3.2Gbps, Low-Power, Compact,
SFP Laser Driver
_______________________________________________________________________________________
3
Note 1: Specifications at -40°C are guaranteed by design and characterization. Dice are tested at TA = +25°C only.
Note 2: Maximum value is specified at IMOD = 60mA and IBIAS = 100mA. BC_MON connected to VCC.
Note 3: Modulation current gain, GMOD, is defined as GMOD = IMOD / IMODSET. Bias current gain, GBIAS, is defined as GBIAS =
IBIAS / IBIASSET. The nominal gain is measured at VCC = +3.3V and TA = +25°C.
Note 4: Gain stability is defined as [(Gain) - (Nom_Gain)] / (Nom_Gain) over the listed current range, temperature, and supply
variation. Nominal gain is measured at VCC = +3.3V, TA = +25°C. The voltage at the BC_MON pin must not exceed 1.39V.
Note 5: Guaranteed by design and characterization; see Figure 2.
Note 6: VCC turn-on time must be less than 0.8s, DC-coupled interface.
Note 7: The gain matching is defined as ABS [(GMOD/GBIAS - GMODNOM/GBIASNOM)/(GMODNOM/GBIASNOM)] over the specified
temperature and voltage supply range.
Note 8: For supply noise tolerance, noise is added to the supply (100mVP-P) up to 2MHz; see Figure 3.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.97V to +3.63V, TA = -40°C to +85°C. Typical values are at VCC = +3.3V, IBIAS = 20mA, IMOD = 30mA, TA = +25°C, unless
otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MODULATOR
5mA
≤ IMOD ≤ 10mA
70
85
95
Modulation Current Gain
GMOD
(Note 3)
10mA
≤ IMOD ≤ 85mA
79
85
91
A/A
Modulation Current Gain Stability
10mA
≤ IMOD ≤ 85mA (Notes 4, 5)
-4.4
+4
%
Modulation Current Gain Linearity
10mA
≤ IMOD ≤ 85mA (Note 5)
-3.3
+3.3
%
IBIASSET = 0.15mA; IMODSET = 0.7mA
2.3
IBIASSET = IMODSET = 0.15mA
0.1
1.4
IBIASSET = IMODSET = 0.4mA
0.1
1
IBIASSET = IMODSET = 0.6mA
0.1
1
Bias Current Gain and
Modulation Current Gain
Matching (Notes 5, 7)
IBIASSET = IMODSET = 0.9mA
0.1
1
%
Modulation OFF Current
IMODOFF
DIS asserted high
100
µA
Rise Time
tR
20% to 80%; 10mA
≤ IMOD ≤ 60mA (Note 5)
48
80
ps
Fall Time
tF
80% to 20%; 10mA
≤ IMOD ≤ 60mA (Note 5)
58
80
ps
10mA
≤ IMOD ≤ 60mA; 2.67Gbps;
2
23-1 PRBS
16
38
10mA
≤ IMOD ≤ 60mA; 3.2Gbps;
K28.5 pattern
17
38
10mA
≤ IMOD ≤ 60mA; 155Mbps;
2
23-1 PRBS
30
psP-P
Deterministic Jitter
(Notes 5, 8)
10mA
≤ IMOD ≤ 60mA; 3.2Gbps; K28.5;
TA = +100°C
6.3
ps
Random Jitter
10mA
≤ IMOD ≤ 60mA (Note 5)
0.6
1
psRMS


Similar Part No. - MAX3736

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3736ETE MAXIM-MAX3736ETE Datasheet
315Kb / 11P
   3.2Gbps, Low-Power, Compact, SFP Laser Driver
2010
MAX3736ETE++ MAXIM-MAX3736ETE+ Datasheet
315Kb / 11P
   3.2Gbps, Low-Power, Compact, SFP Laser Driver
2010
MAX3736 MAXIM-MAX3736_V01 Datasheet
315Kb / 11P
   3.2Gbps, Low-Power, Compact, SFP Laser Driver
2010
More results

Similar Description - MAX3736

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3736 MAXIM-MAX3736_V01 Datasheet
315Kb / 11P
   3.2Gbps, Low-Power, Compact, SFP Laser Driver
2010
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
   3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
logo
Micrel Semiconductor
SY88912L MICREL-SY88912L Datasheet
47Kb / 5P
   3.3V 3.2Gbps SONET/SDH LASER DRIVER
logo
Maxim Integrated Produc...
MAX3740A MAXIM-MAX3740A Datasheet
286Kb / 14P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 1; 6/04
MAX3740A MAXIM-MAX3740A_10 Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3747 MAXIM-MAX3747_V01 Datasheet
338Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
19-0281; Rev 2; 8/12
MAX3747 MAXIM-MAX3747_07 Datasheet
299Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 1; 10/07
MAX3747 MAXIM-MAX3747 Datasheet
360Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 0; 5/04
MAX3747A MAXIM-MAX3747A_12 Datasheet
317Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 2; 8/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com