Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5319 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM5319
Description  SONET/SDH Interface for 622 & 155 Mbit/s
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5319 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5319 Datasheet HTML 1Page - PMC-Sierra, Inc PM5319 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 1.604.415.6000
Fax: 1.604.415.6200
SONET/SDH Interface for 622 & 155 Mbit/s
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
PMC-2030426 (r3)
© Copyright PMC-Sierra, Inc. 2004. All
rights reserved.
For a complete list of PMC-Sierra’s
trademarks and registered trademarks,
visit: http://www.pmc-sierra.com/legal/
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM5319 ARROW 622
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PM5320
ARROW 155
PM5320
ARROW 155
3 Port
DS3 / E3 /
EC-1 LIU
3 Port
DS3 / E3 /
EC-1 LIU
3 Port
DS3 / E3 /
EC-1 LIU
PM5319
ARROW 622
OC-3 / STM-1
Pluggable Transceiver
OC-3 / 12
STM - 1 / 4
Pluggable Transceiver
8 x 77.76 MHz
TYPICAL APPLICATIONS
3-12 PORT SDS3/E3/EC-1 TRANSPORT APPLICATION
TERMINAL MULTIPLEXER APPLICATION
This figure shows clear channel transport of 3 ports of DS3/E3/EC-1 into an OC-12/STM-4 or OC-3/STM-1.
The shaded portation of the figure shows the optional addition of ARROW 155 devices to incrementally add DS3/E3/EC-1
or OC-3/STM-1 client interfaces.
This application shows how the ARROW 622 may be used in a 1+1 protected terminal multiplexer
supporting OC-3/STM-1, T1/E1 and DS3/E3/EC-1 client interfaces.
PM5320
ARROW 155
3 Port
DS3 / E3 /
EC-1 LIU
PM5319
ARROW 622
OC-3 / STM-1
Pluggable Transceiver
OC-3 / 12
STM - 1 / 4
Pluggable Transceiver
PM5319
ARROW 622
OC-3 / 12
STM - 1 / 4
Pluggable Transceiver
8x77.76 MHz
Telecombus
PM5341
TEMAP 28
PM4329
HDLIU


Similar Part No. - PM5319

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5310 PMC-PM5310 Datasheet
58Kb / 2P
   TelecomBus Serializer for 2.5 Gbit/s Interconnect
PM5312 PMC-PM5312 Datasheet
77Kb / 2P
   SONET/SDH Transport Overhead Terminating Transceiver
PM5312 PMC-PM5312 Datasheet
492Kb / 2P
   SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
PM5312 PMC-PM5312 Datasheet
493Kb / 140P
   SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
PM5312-SI PMC-PM5312-SI Datasheet
493Kb / 140P
   SONET/SDH TRANSPORT OVERHEAD TERMINATING TRANSCEIVER TELECOM STANDARD PRODUCT
More results

Similar Description - PM5319

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
   622/155 Mb/s SONET/SDH MDFP
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
   SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
PMC-Sierra, Inc
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
   SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313 PMC-PM5313 Datasheet
126Kb / 4P
   SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
logo
Agere Systems
TDAT162G52 AGERE-TDAT162G52 Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
TDAT04622 AGERE-TDAT04622 Datasheet
4Mb / 310P
   TDAT SONET/SDH 155/622/2488 Mbits/s Data Interfaces
logo
PMC-Sierra, Inc
PM5363 PMC-PM5363 Datasheet
3Mb / 2P
   SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES
PM5343 PMC-PM5343 Datasheet
53Kb / 2P
   SONET/SDH 155 Mbit/s Transport O/H Terminating Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com