Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA55LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBTA55LT1G
Description  Driver Transistors(PNP Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA55LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  MMBTA55LT1G Datasheet HTML 1Page - ON Semiconductor MMBTA55LT1G Datasheet HTML 2Page - ON Semiconductor MMBTA55LT1G Datasheet HTML 3Page - ON Semiconductor MMBTA55LT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBTA55LT1, MMBTA56LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage (Note 3)
(IC = −1.0 mAdc, IB = 0)
MMBTA55
MMBTA56
V(BR)CEO
−60
−80
Vdc
Emitter − Base Breakdown Voltage
(IE = −100 mAdc, IC = 0)
V(BR)EBO
−4.0
Vdc
Collector Cutoff Current
(VCE = −60 Vdc, IB = 0)
ICES
−0.1
mAdc
Collector Cutoff Current
(VCB = −60 Vdc, IE = 0)
MMBTA55
(VCB = −80 Vdc, IE = 0)
MMBTA56
ICBO
−0.1
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = −10 mAdc, VCE = −1.0 Vdc)
(IC = −100 mAdc, VCE = −1.0 Vdc)
hFE
100
100
Collector − Emitter Saturation Voltage
(IC = −100 mAdc, IB = −10 mAdc)
VCE(sat)
−0.25
Vdc
Base − Emitter On Voltage
(IC = −100 mAdc, VCE = −1.0 Vdc)
VBE(on)
−1.2
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product (Note 4)
(IC = −100 mAdc, VCE = −1.0 Vdc, f = 100 MHz)
fT
50
MHz
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
4. fT is defined as the frequency at which |hfe| extrapolates to unity.
Figure 1. Switching Time Test Circuits
OUTPUT
TURN−ON TIME
−1.0 V
VCC
+40 V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0 mF
tr = 3.0 ns
0
+10 V
5.0 ms
OUTPUT
TURN−OFF TIME
+VBB
VCC
+40 V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0 mF
tr = 3.0 ns
5.0 ms
*Total Shunt Capacitance of Test Jig and Connectors
For PNP Test Circuits, Reverse All Voltage Polarities


Similar Part No. - MMBTA55LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA55LT1G ONSEMI-MMBTA55LT1G Datasheet
108Kb / 5P
   Driver Transistors PNP Silicon
October, 2010 ??Rev. 6
MMBTA55LT1G ONSEMI-MMBTA55LT1G Datasheet
113Kb / 5P
   Driver Transistors
November, 2011 ??Rev. 7
MMBTA55LT1G ONSEMI-MMBTA55LT1G Datasheet
154Kb / 5P
   Driver Transistors
October, 2016 ??Rev. 8
MMBTA55LT1G ONSEMI-MMBTA55LT1G Datasheet
177Kb / 7P
   Driver Transistors
April, 2018 - Rev. 9
MMBTA55LT1G ONSEMI-MMBTA55LT1G_10 Datasheet
108Kb / 5P
   Driver Transistors PNP Silicon
October, 2010 ??Rev. 6
More results

Similar Description - MMBTA55LT1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMBTA55LT1G LEIDITECH-LMBTA55LT1G Datasheet
305Kb / 3P
   Driver Transistors PNP Silicon
logo
ON Semiconductor
MMBTA55LT1G ONSEMI-MMBTA55LT1G_10 Datasheet
108Kb / 5P
   Driver Transistors PNP Silicon
October, 2010 ??Rev. 6
logo
Leshan Radio Company
MMBTA55LT1 LRC-MMBTA55LT1 Datasheet
51Kb / 2P
   Driver Transistors(PNP Silicon)
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA56WT1G LRC-LMBTA56WT1G Datasheet
131Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
logo
Weitron Technology
MMBTA55 WEITRON-MMBTA55 Datasheet
242Kb / 4P
   Driver PNP Transistors
MPSA55 WEITRON-MPSA55 Datasheet
105Kb / 4P
   Driver PNP Transistors
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com