Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-S51G-GF500 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HDSP-S51G-GF500
Description  27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-S51G-GF500 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HDSP-S51G-GF500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-S51G-GF500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-S51G-GF500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-S51G-GF500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-S51G-GF500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-S51G-GF500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-S51G-GF500 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-S51G-GF500 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP-S51G-GF500 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Intensity Bin Limits[1] (mcd at IFP = 40 mA, 1/8 Duty Factor)
GaP Red
Bin Name
Min.[2]
Max.[2]
E
0.97
1.45
F
1.46
2.19
G
2.2
3.3
Color Bin Limits (nm)[1]
Green
Bin Name
Min.[2]
Max.[2]
3
569.1
571
4
571.1
573
5
573.1
575
GaP Green
Bin Name
Min.[2]
Max.[2]
F
1.46
2.19
G
2.20
3.30
H
3.31
4.97
Bi-Color (Cd/m2 at IFP = 40 mA, 1/8 Duty Factor)
Bin Name
Min.[2]
Max.[2]
F
86
104
G
104.1
124
H
124.1
149
I
149.1
179
J
179.1
215
K
215.1
258
L
258.1
310
Hue Grade
Bin
Coordinate
4
5
6
78910
X
0.542-0.553
0.552-0.563
0.562-0.573
0.572-0.583
0.582-0.593
0.592-0.603
0.602-0.613
Y
0.445-0.456
0.435-0.446
0.425-0.436
0.415-0.426
0.405-0.416
0.395-0.406
0.385-0.396
Notes:
1. Hue categories are established for classification of products. Products may not be available in all bin categories.
2. Tolerance for each intensity bin limit is
± 10%.
Notes:
1. Bin categories are established for classification of products. Products may not be available in all bin categories.
2. Tolerance for each color bin limit is
± 1.0 nm.


Similar Part No. - HDSP-S51G-GF500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S53E AVAGO-HDSP-S53E Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S53G AVAGO-HDSP-S53G Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S58E AVAGO-HDSP-S58E Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S58G AVAGO-HDSP-S58G Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
More results

Similar Description - HDSP-S51G-GF500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B582 HP-HDSP-B582 Datasheet
94Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S8XE AVAGO-HDSP-S8XE Datasheet
89Kb / 8P
   17.5 mm (0.69 inch) General Purpose 8 x 8 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-B58X HP-HDSP-B58X Datasheet
281Kb / 8P
   53.3 mm (2.1 INCH) GENERAL PURPOSE 5 X 8 DOT MATRIX BI - COLOR ALPHANUMERIC DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B58X AVAGO-HDSP-B58X Datasheet
86Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com