Electronic Components Datasheet Search |
|
HDSP-S51Z-FG000 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard) |
|
HDSP-S51Z-FG000 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard) |
9 / 12 page 9 GaP Green Devices HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions Luminous Intensity/Unit Iv 1.46 3.0 4.97 mcd IFP = 40 mA, (Digit Average)[1] 1/8 Duty Factor Peak Wavelength λpeak 568 nm IF = 20 mA Dominant Wavelength[2] λd 573 nm IF = 20 mA Forward Voltage VF 2.3 2.6 V IF = 20 mA Reverse Voltage[3] VR 3.0 V IR = 100 µA Luminous Intensity Iv-m 2:1 IFP = 40 mA, Matching Ratio 1/8 Duty Factor Optical/Electrical Characteristics at TA = 25°C GaP Red Devices HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions Luminous Intensity/Unit Iv 0.97 1.5 3.3 mcd IFP = 40 mA, (Digit Average)[1] 1/8 Duty Factor Peak Wavelength λpeak 632 nm IF = 20 mA Dominant Wavelength[2] λd 622 nm IF = 20 mA Forward Voltage VF 2.1 2.6 V IF = 20 mA Reverse Voltage[3] VR 3.0 V IR = 100 µA Luminous Intensity Iv-m 2:1 IFP = 40 mA, Matching Ratio 1/8 Duty Factor S51E S56E B51Z B56Z S51G S56G B51Z B56Z Bi-Color Devices HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions Luminance/Unit Iv 86.0 180.0 310.0 Cd/m2 IFP = 40 mA, (Digit Average)[1] 1/8 Duty Factor B51Z B56Z Notes: 1. The digits are categorized for luminance. The luminance category is designated by a letter on the side of the package. 2. The dominant wavelength, λd, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Typical specification for reference only. Do not exceed absolute maximum ratings. |
Similar Part No. - HDSP-S51Z-FG000 |
|
Similar Description - HDSP-S51Z-FG000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |