Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-S56Z-LI000 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HDSP-S56Z-LI000
Description  27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-S56Z-LI000 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HDSP-S56Z-LI000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-S56Z-LI000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-S56Z-LI000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-S56Z-LI000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-S56Z-LI000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-S56Z-LI000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-S56Z-LI000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-S56Z-LI000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP-S56Z-LI000 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Absolute Maximum Ratings at TA = 25˚C
GaP Red
GaP Green
Parameter
HDSP-S51E/S56E/B51Z/B56Z
HDSP-S51G/S56G/B51Z/B56Z
Units
Average Power per Dot[1]
65
65
mW
Peak Forward Current per Dot[1]
(1/8 Duty Cycle at 10 KHz)
80
100
mA
Average Forward Current per Dot
25[1,2]
25[1,3]
mA
Reverse Voltage per Dot
3
3
V
Operating Temperature
–35 to +85
–35 to +85
°C
Storage Temperature
–35 to +85
–35 to +85
°C
Lead Solder Temperature for 3 seconds[4]
(2 mm [0.078 in.] below seating plane)
260
260
°C
Notes:
1. Do not exceed maximum average current per dot.
2. Derate above 25
°C at 0.20 mA/°C.
3. Derate above 25
°C at 0.33 mA/°C.
4. Not recommended to be soldered more than 2 times. Minimum interval between solderings is 15 minutes. Total soldering time not to exceed 3 seconds.


Similar Part No. - HDSP-S56Z-LI000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S53E AVAGO-HDSP-S53E Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S53G AVAGO-HDSP-S53G Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S58E AVAGO-HDSP-S58E Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S58G AVAGO-HDSP-S58G Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
More results

Similar Description - HDSP-S56Z-LI000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B582 HP-HDSP-B582 Datasheet
94Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S8XE AVAGO-HDSP-S8XE Datasheet
89Kb / 8P
   17.5 mm (0.69 inch) General Purpose 8 x 8 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-B58X HP-HDSP-B58X Datasheet
281Kb / 8P
   53.3 mm (2.1 INCH) GENERAL PURPOSE 5 X 8 DOT MATRIX BI - COLOR ALPHANUMERIC DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B58X AVAGO-HDSP-B58X Datasheet
86Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com