Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

8NM60ND Datasheet(PDF) 9 Page - VBsemi Electronics Co.,Ltd

Part No. 8NM60ND
Description  N-Channel 650V (D-S) Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

8NM60ND Datasheet(HTML) 9 Page - VBsemi Electronics Co.,Ltd

Back Button 8NM60ND Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd 8NM60ND Datasheet HTML 10Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TO-263AB (HIGH VOLTAGE)
Notes
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimensions are shown in millimeters (inches).
3. Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at the
outmost extremes of the plastic body at datum A.
4. Thermal PAD contour optional within dimension E, L1, D1 and E1.
5. Dimension b1 and c1 apply to base metal only.
6. Datum A and B to be determined at datum plane H.
7. Outline conforms to JEDEC outline to TO-263AB.
5
4
1
3
L1
L2
D
B
B
E
H
B
A
Detail A
A
A
c
c2
A
2 x e
2 x b2
2 x b
0.010
A
B
MM
± 0.004
B
M
Base
metal
Plating
b1, b3
(b, b2)
c1
(c)
Section B - B and C - C
Scale: none
Lead tip
4
34
(Datum A)
2
C
C
B
B
5
5
View A - A
E1
D1
E
4
4
B
H
Seating plane
Gauge
plane
0° to 8°
Detail “A”
Rotated 90° CW
scale 8:1
L3
A1
L4
L
MILLIMETERS
INCHES
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
D1
6.86
-
0.270
-
A1
0.00
0.25
0.000
0.010
E
9.65
10.67
0.380
0.420
b
0.51
0.99
0.020
0.039
E1
6.22
-
0.245
-
b1
0.51
0.89
0.020
0.035
e
2.54 BSC
0.100 BSC
b2
1.14
1.78
0.045
0.070
H
14.61
15.88
0.575
0.625
b3
1.14
1.73
0.045
0.068
L
1.78
2.79
0.070
0.110
c
0.38
0.74
0.015
0.029
L1
-
1.65
-
0.066
c1
0.38
0.58
0.015
0.023
L2
-
1.78
-
0.070
c2
1.14
1.65
0.045
0.065
L3
0.25 BSC
0.010 BSC
D
8.38
9.65
0.330
0.380
L4
4.78
5.28
0.188
0.208
ECN: S-82110-Rev. A, 15-Sep-08
DWG: 5970
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
8NM60ND TO220
9


Similar Description - 8NM60ND

ManufacturerPart No.DatasheetDescription
VBsemi Electronics Co.,Ltd
VBsemi Electronics Co.,...
2SK2645 VBSEMI-2SK2645 Datasheet
1Mb / 11P
   N-Channel 650V (D-S) Power MOSFET
AOT10N60 VBSEMI-AOT10N60 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
4N60KL-TM3-T VBSEMI-4N60KL-TM3-T Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
6N65G-TA3-T VBSEMI-6N65G-TA3-T Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
5N62K3 VBSEMI-5N62K3 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
7N60LL-TF3-T VBSEMI-7N60LL-TF3-T Datasheet
1Mb / 11P
   N-Channel 650V (D-S) Power MOSFET
7N65AG-TA3-T VBSEMI-7N65AG-TA3-T Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
7N65K VBSEMI-7N65K Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
7N65ZL-TA3-T VBSEMI-7N65ZL-TA3-T Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
8N65M5 VBSEMI-8N65M5 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com