Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY288 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGY288
Description  Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY288 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGY288 Datasheet HTML 1Page - NXP Semiconductors BGY288 Datasheet HTML 2Page - NXP Semiconductors BGY288 Datasheet HTML 3Page - NXP Semiconductors BGY288 Datasheet HTML 4Page - NXP Semiconductors BGY288 Datasheet HTML 5Page - NXP Semiconductors BGY288 Datasheet HTML 6Page - NXP Semiconductors BGY288 Datasheet HTML 7Page - NXP Semiconductors BGY288 Datasheet HTML 8Page - NXP Semiconductors BGY288 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
9397 750 14011
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 2 February 2005
3 of 22
Philips Semiconductors
BGY288
Power amplifier with integrated control loop
3.
Ordering information
4.
Block diagram
Table 2:
Ordering information
Type number
Package
Name
Description
Version
BGY288
-
leadless surface mounted package; plastic cap;
16 terminations
SOT775A
(1) Pull-down resistor.
Fig 2.
Block diagram
001aab846
OUTPUT
MATCHING
BIASING
POWER
SENSE
850 MHz and 900 MHz POWER AMPLIFIER
RFO_LB
10
6
7
5
8
4
16
14
RFO_HB
RFI_HB
BAND
TXON
VSTAB
PC
BGY288
RFI_LB
OUTPUT
MATCHING
BIASING
LOGIC
CONTROL
POWER
SENSE
1800 MHz and 1900 MHz POWER AMPLIFIER
POWER CONTROLLER
(1)
(1)


Similar Part No. - BGY288

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY280 PHILIPS-BGY280 Datasheet
156Kb / 11P
   UHF amplifier module
2000 Nov 15
BGY282 PHILIPS-BGY282 Datasheet
386Kb / 12P
   dual band UHF amplifier module for GSM900 and GSM1800
2001 Dec 04
BGY284 PHILIPS-BGY284 Datasheet
241Kb / 23P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900
2003 Aug 20
More results

Similar Description - BGY288

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY284 PHILIPS-BGY284 Datasheet
241Kb / 23P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900
2003 Aug 20
logo
RF Micro Devices
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
   QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
logo
TriQuint Semiconductor
TQ1422 TRIQUINT-TQ1422 Datasheet
132Kb / 6P
   GSM850/900 and DCS1800/PCS1900 Tx - Bandpass Filter
logo
Mitsubishi Electric Sem...
BA01303 MITSUBISHI-BA01303 Datasheet
88Kb / 3P
   Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
logo
Motorola, Inc
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1817 MOTOROLA-MRFIC1817 Datasheet
232Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
RF Micro Devices
RF3183 RFMD-RF3183 Datasheet
1Mb / 20P
   QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
logo
Renesas Technology Corp
PF08134 RENESAS-PF08134 Datasheet
138Kb / 16P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
May 13, 2004
PF08134B RENESAS-PF08134B Datasheet
123Kb / 14P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com