Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8ACC520N8 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8ACC520N8
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8ACC520N8 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP8ACC520N8 Datasheet HTML 7Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 8Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 9Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 10Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 11Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 12Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 13Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 14Page - National Semiconductor (TI) COP8ACC520N8 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Pin Descriptions
V
CC and GND are the power supply pins. All VCC and GND
pins must be connected.
CKI is the clock input. This can come from an R/C generated
oscillator, or a crystal oscillator (in conjunction with CKO).
See Oscillator Description section.
RESET is the master reset input. See Reset description
section.
The devices contain two bidirectional (one 8-bit, one 4-bit)
I/O ports (G and L), where each individual bit may be inde-
pendently configured as a weak pullup input, TRI-STATE®
(Hi-Z) input or push pull output under program control. Ports
G- and L- feature Schmitt trigger inputs. Three data memory
address locations are allocated for each of these I/O ports.
Each I/O port has two associated 8-bit memory mapped
registers, the CONFIGURATION register and the output
DATA register. A memory mapped address is also reserved
for the input pins of each I/O port. (See the memory map for
the various addresses associated with the I/O ports.)
Figure
5 shows the I/O port configurations. The DATA and CON-
FIGURATION registers allow for each port bit to be individu-
ally configured under software control as shown below:
PORT L is a 4-bit I/O port. All L-pins have Schmitt triggers on
the inputs.
The Port L supports Multi-Input Wake Up on all four pins.
The Port L has the following alternate features:
L7
MIWU or external interrupt
L6
MIWU or external interrupt
L5
MIWU or external interrupt
L4
MIWU or external interrupt
Configuration
Data
Port Set-Up
Register
Register
0
0
Hi-Z Input (TRI-STATE Output)
0
1
Input with Weak Pull-Up
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
Please note:
The lower 4 L-bits read all ones (L0:L3). This is independant
from the states of the associated bits in the L-port Data- and
Configuration register. The lower 4 bits in the L-port Data-
and Configuration register can be used as general purpose
status indicators (flags).
Port G is an 8-bit port with 5 I/O pins (G0, G2–G5), an input
pin (G6), and a dedicated output pin (G7). Pins G0 and
G2–G6 all have Schmitt Triggers on their inputs. Pin G1
serves as the dedicated WDOUT WATCHDOG output, while
pin G7 is either input or output depending on the oscillator
mask option selected. With the crystal oscillator option se-
lected, G7 serves as the dedicated output pin for the CKO
clock output. With the single-pin R/C oscillator mask option
selected, G7 serves as a general purpose input pin but is
also used to bring the devices out of HALT mode with a low
to high transition on G7. There are two registers associated
with the G Port, a data register and a configuration register.
Therefore, each of the 5 I/O bits (G0, G2–G5) can be indi-
vidually configured under software control.
Since G6 is an input only pin and G7 is the dedicated CKO
clock output pin (crystal clock option) or general purpose
input (R/C clock option), the associated bits in the data and
configuration registers for G6 and G7 are used for special
purpose functions as outlined below. Reading the G6 and G7
data bits will return zeros.
Note that the chip will be placed in the HALT mode by writing
a “1” to bit 7 of the Port G Data Register. Similarly the chip
will be placed in the IDLE mode by writing a “1” to bit 6 of the
Port G Data Register.
Writing a “1” to bit 6 of the Port G Configuration Register
enables the MICROWIRE/PLUS to operate with the alter-
nate phase of the SK clock. The G7 configuration bit, if set
high, enables the clock start up delay after HALT when the
R/C clock configuration is used.
Config Reg.
Data Reg.
G7
CLKDLY
HALT
G6
Alternate SK
IDLE
Port G has the following alternate features:
G6
SI (MICROWIRE Serial Data Input)
G5
SK (MICROWIRE Serial Clock)
G4
SO (MICROWIRE Serial Data Output)
G3
T1A (Timer T1 I/O)
G2
T1B (Timer T1 Capture Input)
G0
INTR (External Interrupt Input)
Port G has the following dedicated functions:
G7
CKO Oscillator dedicated output or general purpose
input
G1
WDOUT WATCHDOG and/or Clock Monitor dedicated
output.
Port I is an eight-bit Hi-Z input port.
Port I0–I7 are used for the analog function block.
The Port I has the following alternate features:
I7
C
OUT (Comparator Output)
I6
Analog CH6 (Comparator Positive Input 6)
I5
Analog CH5 (Comparator Positive Input 5)
I4
Analog CH4 (Comparator Positive Input 4)
I3
Analog CH3 (Comparator Positive Input 3/Comparator
Output)
I2
Analog CH2 (Comparator Positive Input 2)
I1
I
SRC (Comparator Negative Input/Current Source Out)
I0
Analog CH1 (Comparator Positive Input 1)
DS012865-52
FIGURE 5. I/P Port Configurations
www.national.com
11


Similar Part No. - COP8ACC520N8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8ACC520N8 NSC-COP8ACC520N8 Datasheet
526Kb / 41P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and High Resolution A/D
More results

Similar Description - COP8ACC520N8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8ACC5 NSC-COP8ACC5 Datasheet
526Kb / 41P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and High Resolution A/D
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
COP8ACC7 NSC-COP8ACC7 Datasheet
521Kb / 40P
   8-Bit CMOS OTP Microcontroller with 16k Memory and High Resolution A/D
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
COP87LXXCJ NSC-COP87LXXCJ Datasheet
347Kb / 28P
   8-Bit CMOS OTP Microcontrollers with 4k or 32k Memory and Comparator
COP87L88GD NSC-COP87L88GD Datasheet
422Kb / 39P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory and 8-Channel A/D with Prescaler
COP87L88EB NSC-COP87L88EB Datasheet
814Kb / 72P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory, CAN Interface, 8-Bit A/D, and USART
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com