Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UL631H256S2K45 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # UL631H256S2K45
Description  Low Voltage SoftStore 32K x 8 nvSRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UL631H256S2K45 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button UL631H256S2K45 Datasheet HTML 4Page - List of Unclassifed Manufacturers UL631H256S2K45 Datasheet HTML 5Page - List of Unclassifed Manufacturers UL631H256S2K45 Datasheet HTML 6Page - List of Unclassifed Manufacturers UL631H256S2K45 Datasheet HTML 7Page - List of Unclassifed Manufacturers UL631H256S2K45 Datasheet HTML 8Page - List of Unclassifed Manufacturers UL631H256S2K45 Datasheet HTML 9Page - List of Unclassifed Manufacturers UL631H256S2K45 Datasheet HTML 10Page - List of Unclassifed Manufacturers UL631H256S2K45 Datasheet HTML 11Page - List of Unclassifed Manufacturers UL631H256S2K45 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
April 7, 2005
UL631H256
n: The software sequence is clocked with E controlled READs
o: Once the software controlled STORE or RECALL cycle is initiated, it completes automatically, ignoring all inputs.
p: Note that STORE cycles (but not RECALL) are aborted by VCC < VSWITCH (STORE inhibit).
q: An automatic RECALL also takes place at power up, starting when VCC exceeds VSWITCH and takes tRESTORE. VCC must not drop below
VSWITCH once it has been exceeded for the RECALL to function properly.
r:
Noise on the E pin may trigger multiple READ cycles from the same address and abort the address sequence.
s: If the Chip Enable Pulse Width is less than ta(E) (see Read Cycle) but greater than or equal tw(E)SR, than the data may not be valid at
the end of the low pulse, however the STORE or RECALL will still be initiated.
No. Software Controlled STORE/RECALL
Cyclel, n
Symbol
35
45
Unit
Alt.
IEC
Min.
Max.
Min.
Max.
25 STORE/RECALL Initiation Time
tAVAV
tcR
35
45
ns
26 Chip Enable to Output Inactiveo
tELQZ
tdis(E)SR
600
600
ns
27 STORE Cycle Timep
tELQXS
td(E)S
10
10
ms
28 RECALL Cycle Timeq
tELQXR
td(E)R
20
20
ms
29 Address Setup to Chip Enabler
tAVELN
tsu(A)SR
00
ns
30 Chip Enable Pulse Widthr, s
tELEHN
tw(E)SR
25
30
ns
31 Chip Disable to Address Changer
tEHAXN
th(A)SR
00
ns
Software Controlled STORE/RECALL Cyclet, u (E = HIGH after STORE initiation)
Software Controlled STORE/RECALL Cycler, s, t, u (E = LOW after STORE initiation)
Ai
E
DQi
Output
tcR
tsu(A)SR
tw(E)SR
High Impedance
ADDRESS 1
VALID
VALID
ADDRESS 6
tcR
td(E)S
tdis(E)SR (26)
(25)
(25)
(31)
(30)
(29)
(27)
(28)
th(A)SR
Ai
E
DQi
Output
tcR
tw(E)SR
High Impedance
ADDRESS 1
VALID
VALID
ADDRESS 6
td(E)S (27)
(28)
(25)
th(A)SR
(31)
(30)
tsu(A)SR (29)
tdis(E)SR (26)
th(A)SR (31)
tsu(A)SR
(29)
td(E)R
td(E)R
t:
W must be HIGH when E is LOW during the address sequence in order to initiate a nonvolatile cycle. G may be either HIGH or LOW
throughout. Addresses 1 through 6 are found in the mode selection table. Address 6 determines wheter the UL631H256 performs a
STORE or RECALL.
u: E must be used to clock in the address sequence for the Software controlled STORE and RECALL cycles.


Similar Part No. - UL631H256S2K45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
UL631H256S2K45 SIMTEK-UL631H256S2K45 Datasheet
180Kb / 13P
   SimtekLow Voltage SoftStore 32K x 8 nvSRAM
UL631H256S2K45G1 SIMTEK-UL631H256S2K45G1 Datasheet
180Kb / 13P
   SimtekLow Voltage SoftStore 32K x 8 nvSRAM
More results

Similar Description - UL631H256S2K45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
UL631H256 SIMTEK-UL631H256 Datasheet
180Kb / 13P
   SimtekLow Voltage SoftStore 32K x 8 nvSRAM
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com