Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U20T01 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # U20T01
Description  2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

U20T01 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  U20T01 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD U20T01 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD U20T01 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
U20T01 THRU U20T10 ABS
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
50 ohm
Noninductive
25Vdc
approx
+
-
D.U.T
10 ohm
Noninductive
NonInductive
1 ohm
OSCILLOSCOPE
Note 1
PULSE
GENERATOR
Note 2
Note:1. Rise Time = 7ns, max.
Input Impedance = 1megohm,22pF.
2. Ries Time =10ns, max.
Source Impedance = 50 ohms.
Fig.1 Reverse Recovery Time Characteristic And Test Circuit Diagram
Fig.3 Typical Reverse Characteristics
20
100
60
0
0.1
1.0
10
% of PIV.VOLTS
100
40
80
300
T =25
J
°C
T =75
J
°C
T =125
J
°C
-0.25
-1.0
0
+0.5
trr
10ns/div
Set time Base for 10ns/div
0.5
1.0
0.0
25
50
75
100
125
150
175
Case Temperature (
°C)
Fig.2 Maximum Average Forward Current Rating
Single phase half wave resistive
or inductive
Fig.3 Typical Instaneous Forward
Characteristics
0.5
1.0
1.5
2.0
2.5
0.0
0.01
0.1
1.0
10
Instaneous Forward Voltage (V)
20
pulse with 300μs
1% duty cycle
T =25
J
°C
10
20
30
40
50
60
00
10
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
2.0


Similar Part No. - U20T01

ManufacturerPart #DatasheetDescription
logo
MMD Components
U20TA1 MMD-U20TA1 Datasheet
55Kb / 1P
   UM-1 Thru-Hole Crystal
U20TA3 MMD-U20TA3 Datasheet
55Kb / 1P
   UM-1 Thru-Hole Crystal
U20TB1 MMD-U20TB1 Datasheet
55Kb / 1P
   UM-1 Thru-Hole Crystal
U20TB3 MMD-U20TB3 Datasheet
55Kb / 1P
   UM-1 Thru-Hole Crystal
U20TC1 MMD-U20TC1 Datasheet
55Kb / 1P
   UM-1 Thru-Hole Crystal
More results

Similar Description - U20T01

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DB202S YFWDIODE-DB202S Datasheet
440Kb / 3P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
UABS201 YFWDIODE-UABS201 Datasheet
393Kb / 3P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
Zibo Seno Electronic En...
DB201S ZSELEC-DB201S Datasheet
73Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS205 ZSELEC-ABS205 Datasheet
164Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TB205S ZSELEC-TB205S Datasheet
86Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DBLS201G ZSELEC-DBLS201G Datasheet
73Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DI200S ZSELEC-DI200S Datasheet
118Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
HDBL201G ZSELEC-HDBL201G Datasheet
99Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
RABF22 DIODES-RABF22 Datasheet
501Kb / 5P
   2.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Unisonic Technologies
ABS22 UTC-ABS22 Datasheet
169Kb / 4P
   SINGLE PHASE 2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com