Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61LV2568-8KI Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IC61LV2568-8KI
Description  256K x 8 Hight Speed SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV2568-8KI Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

  IC61LV2568-8KI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV2568-8KI Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IC61LV2568
Integrated Circuit Solution, Inc.
9
AHSR023-0A
09/12/2001
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed(ns)
OrderPartNo.
Package
8
IC61LV2568-8T
400milT SOP-2
IC61LV2568-8K
400milSOJ
10
IC61LV2568-10T
400milT SOP-2
IC61LV2568-10K
400milSOJ
12
IC61LV2568-12T
400milT SOP-2
IC61LV2568-12K
400milSOJ
15
IC61LV2568-15T
400milT SOP-2
IC61LV2568-15K
400milSOJ
ORDERING INFORMATION
Industrial Range: –40°C to +85°C
Speed(ns)
OrderPartNo.
Package
8
IC61LV2568-8TI
400milT SOP-2
IC61LV2568-8KI
400milSOJ
10
IC61LV2568-10TI
400milT SOP-2
IC61LV2568-10KI
400milSOJ
12
IC61LV2568-12TI
400milT SOP-2
IC61LV2568-12KI
400milSOJ
15
IC61LV2568-15TI
400milT SOP-2
IC61LV2568-15KI
400milSOJ
Integrated Circuit Solution, Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
Fax: 886-3-5783000
BRANCH OFFICE:
7F, NO. 106, SEC. 1, HSIN-TAI 5TH ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
FAX: 886-2-26962252
http://www.icsi.com.tw


Similar Part No. - IC61LV2568-8KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10J ICSI-IC61LV256-10J Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JG ICSI-IC61LV256-10JG Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JI ICSI-IC61LV256-10JI Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV256-10JIG ICSI-IC61LV256-10JIG Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
More results

Similar Description - IC61LV2568-8KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
IC61LV6416 ICSI-IC61LV6416 Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
logo
Alliance Semiconductor ...
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C33256NTD18B ALSC-AS7C33256NTD18B Datasheet
441Kb / 18P
   3.3V 256K x 8 Pipelined SRAM with NTD
logo
Lyontek Inc.
LY61L2568 LYONTEK-LY61L2568 Datasheet
152Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568 LYONTEK-LY61L2568_13 Datasheet
215Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568A LYONTEK-LY61L2568A_12 Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY612568 LYONTEK-LY612568_13 Datasheet
213Kb / 11P
   5V 256K X 8 BIT HIGH SPEED CMOS SRAM
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com