Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YFW1002 Datasheet(PDF) 6 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW1002
Description  N-Channel Enhancement MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW1002 Datasheet(HTML) 6 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW1002 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW1002 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW1002 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW1002 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW1002 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW1002 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
YFW1002 SOT23-3L
6 / 6
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Package Outline
SOT23-3L
Summary of Packing Options
Package
Package Description
Packing Quantity
Industry Standard
SOT23-3L
Tape/Reel,7
”reel
3000
EIA-481-1
UNIT
mm
1.50
1.70
0.35
0.50
0
0.10
0.45
0.55
1.9
0.10
0.20
0.85
1.15
DIMENSIONS (mm are the original dimensions)
0.40
-
A
2.70
3.10
B
2.65
2.95
C
D
E
F
G
H
K
J
L
M
10°
1.00
1.30


Similar Part No. - YFW1002

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW1003 YFWDIODE-YFW1003 Datasheet
816Kb / 6P
   N-Channel Enhancement MOSFET
YFW100N03AD YFWDIODE-YFW100N03AD Datasheet
1Mb / 5P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW100N03AD YFWDIODE-YFW100N03AD Datasheet
1Mb / 5P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW100N03AD YFWDIODE-YFW100N03AD_V01 Datasheet
1Mb / 5P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW100N03AF YFWDIODE-YFW100N03AF Datasheet
2Mb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results

Similar Description - YFW1002

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com