Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YFW4407 Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW4407
Description  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW4407 Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW4407 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4407 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4407 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4407 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW4407 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
YFW4407 SOP-8
3 / 5
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.


Similar Part No. - YFW4407

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW40G03NF YFWDIODE-YFW40G03NF Datasheet
1Mb / 8P
   30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40H04NF YFWDIODE-YFW40H04NF Datasheet
1Mb / 5P
   40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40N02AD YFWDIODE-YFW40N02AD Datasheet
1Mb / 5P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40N03S YFWDIODE-YFW40N03S Datasheet
1Mb / 5P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40P04AD YFWDIODE-YFW40P04AD Datasheet
1Mb / 5P
   -40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results

Similar Description - YFW4407

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com