Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6215G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6215G
Description  Smart Two Channel Low-Side Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6215G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6215G Datasheet HTML 2Page - Infineon Technologies AG TLE6215G Datasheet HTML 3Page - Infineon Technologies AG TLE6215G Datasheet HTML 4Page - Infineon Technologies AG TLE6215G Datasheet HTML 5Page - Infineon Technologies AG TLE6215G Datasheet HTML 6Page - Infineon Technologies AG TLE6215G Datasheet HTML 7Page - Infineon Technologies AG TLE6215G Datasheet HTML 8Page - Infineon Technologies AG TLE6215G Datasheet HTML 9Page - Infineon Technologies AG TLE6215G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Preliminary Datasheet TLE 6215 G
V5
Page
28.04.2002
6
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
VS = 6.5 to 40 V ; Tj = - 40 °C to + 150 °C
(unless otherwise specified)
min
typ
max
5. Diagnostic Functions
Open load detection voltage
VS
≤ 18 V
(Output OFF)
VS = 12 V
VDS(OL)
0.515
*VS
6.2
0.585
*VS
7.0
V
Open load compare voltage
5
18V
> V
DSC
> 0.65*V
S
VDS(OL)C
VDSC-1.6
VDSC-0.9
V
Open load detection current (Output ON)
ID(OL)
100
500
mA
Overload threshold current
VS
≥ 9.5 V
ID(lim)
5
A
Overtemperature shutoff threshold
6
Hysteresis
Tth
Thys
170
10
200
°C
K
Application Description
This IC is specially designed to drive inductive loads (relays, electromagnetic valves). Integrated
clamp-diodes limit the output voltage peak when switching off an inductive load.
For the detection of errors there are two status outputs, which monitor the following errors by logic
levels:
− thermal overload,
− open and short load to ground in active an inactive mode,
− overloading of output (also shorted load to supply) in active mode.
Circuit Description
Input Circuits
The control and enable inputs, all active high, consist of Schmitt triggers with hysteresis. All inputs are
connected with pull-down current sources. Not connected inputs are interpreted as "low“.
Switching Stages
The power outputs consist of a DMOS power transistor with open drain. The output stages are short-
load-protected throughout the operating range. Integrated clamp-diodes limit voltage spikes produced
when inductive loads are discharged.
Protective Circuit
The outputs are protected against current overload. There is no protection against reverse polarity of
the supply voltage.
5 V
DSC is the output voltage of the other channel used for open load compare detection
6 This parameter will not be tested but assured by design


Similar Part No. - TLE6215G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6210 INFINEON-TLE6210 Datasheet
693Kb / 35P
   ABS System IC
V1.2 2002-08
TLE6210C INFINEON-TLE6210C Datasheet
693Kb / 35P
   ABS System IC
V1.2 2002-08
TLE6210G INFINEON-TLE6210G Datasheet
693Kb / 35P
   ABS System IC
V1.2 2002-08
TLE6211 INFINEON-TLE6211 Datasheet
693Kb / 35P
   ABS System IC
V1.2 2002-08
TLE6211G INFINEON-TLE6211G Datasheet
693Kb / 35P
   ABS System IC
V1.2 2002-08
More results

Similar Description - TLE6215G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE5224G2 SIEMENS-TLE5224G2 Datasheet
366Kb / 9P
   SMART TWO CHANNEL LOW-SIDE SWITCH
logo
Infineon Technologies A...
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
   Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
   Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
   Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
   Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
TLE6228GP INFINEON-TLE6228GP Datasheet
753Kb / 18P
   Smart Quad Channel Low-Side Switch?
V3.1 26. Aug. 2002 1
logo
Siemens Semiconductor G...
TLE5216G SIEMENS-TLE5216G Datasheet
88Kb / 17P
   Smart Quad Channel Low-Side Switch
logo
Infineon Technologies A...
TLE6232GP INFINEON-TLE6232GP Datasheet
349Kb / 19P
   Smart Six Channel Low-Side Switch
V1.2 08.Oct. 2003
TLE6232GP INFINEON-TLE6232GP_09 Datasheet
420Kb / 20P
   Smart Six Channel Low-Side Switch
V2.3 2009-11-18
TLE6240GP INFINEON-TLE6240GP_10 Datasheet
1Mb / 37P
   Smart 16-Channel Low-Side Switch
Rev.3.3, 2010-02-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com