Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM2990-XST Datasheet(PDF) 1 Page - International Rectifier

Part # OM2990-XST
Description  Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM2990-XST Datasheet(HTML) 1 Page - International Rectifier

  OM2990-XST Datasheet HTML 1Page - International Rectifier OM2990-XST Datasheet HTML 2Page - International Rectifier OM2990-XST Datasheet HTML 3Page - International Rectifier OM2990-XST Datasheet HTML 4Page - International Rectifier OM2990-XST Datasheet HTML 5Page - International Rectifier OM2990-XST Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DESC APPROVED LOW DROPOUT NEGATIVE
Three Terminal, Fixed Voltage,
Low Dropout Negative Voltage Regulator
In Hermetic Packages
FEATURES
• Approved To DE S C Standardized Military Drawings
• Low Dropout Voltage, 0.6 V @ I
O = 1 A
• Output Current in Excess of 1 A [LCC 20 (N2) package limited to 0.3A]
• Reverse Battery Protection
• Internal Short Circuit Protection
• Isolated and Non-Isolated Hermetic Package Types
• Output Voltages: - 5V, -5.2V, -12V, & -15V
DESCRIPTION
The OM2990 series of fixed voltage regulators are designed to provide up to 1.5A with
high efficiency.
It has the ability to source 1A of output current with a typical dropout
voltage of 0.6V and a maximum of 1V over the entire operating temperature range.
It is
supplied in hermetic packages and is ideally suited for all applications where small size
and high reliability are required.
ABSOLUTE MAXIMUM RATINGS, T
C = 25°C
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-26 V to +0.3V
Output Voltage.................................... -5V, -5.2 V,-12 V, -15 V dc
Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . - 55°C to + 125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65°C to + 150°C
Lead Temperature (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Thermal Resistance: Junction to Case
Case2,LCC20................................................15.5°C/W
Case U&M, TO-257 (isolated) & SMD-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.8°C/W
Case T&N, TO-257 (non-isolated) & SMD-1. . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0°C/W
Case Y,TO-3...................................................2.7°C/W
Maximum Output Current
Case2...........................................................0.3A
CaseU&M.......................................................1.2A
Case T, N & Y......................................................1.5A
OM2990-XNM
7 01 R3
Supersedes 5 04 R2
OM2990-XNK
OM2990-XST
1.1
1.1
1.3
1.3
1.4
2.1
2.2
2.3
2.4
3.1
3.2
APPROVED DESC DRAWING
OMNIREL P/N
5962-9571101MUA
OM2990 - 5 STM
5962-9571002MUA
OM2990 - 5.2 STM
5962-9571001MUA
OM2990 - 12 STM
Please see mechanical
outlines herein


Similar Part No. - OM2990-XST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM2940-05SM ETC-OM2940-05SM Datasheet
41Kb / 4P
   SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR
OM2940-12SM ETC-OM2940-12SM Datasheet
41Kb / 4P
   SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR
OM2940-15SM ETC-OM2940-15SM Datasheet
41Kb / 4P
   SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR
OM2940STM ETC-OM2940STM Datasheet
38Kb / 4P
   0.5 VOLT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATOR APPROVED TO DESC DRAWING
More results

Similar Description - OM2990-XST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1325SMM ETC1-OM1325SMM Datasheet
38Kb / 4P
   Three Terminal, Precision Adjustable Negative Voltage Regulator In Hermetic Style Packages
OM1324SMM ETC1-OM1324SMM Datasheet
37Kb / 4P
   Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com