Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM2990-5.2NMM Datasheet(PDF) 6 Page - International Rectifier

Part # OM2990-5.2NMM
Description  Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM2990-5.2NMM Datasheet(HTML) 6 Page - International Rectifier

  OM2990-5.2NMM Datasheet HTML 1Page - International Rectifier OM2990-5.2NMM Datasheet HTML 2Page - International Rectifier OM2990-5.2NMM Datasheet HTML 3Page - International Rectifier OM2990-5.2NMM Datasheet HTML 4Page - International Rectifier OM2990-5.2NMM Datasheet HTML 5Page - International Rectifier OM2990-5.2NMM Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1.1
1.2
1.3
1.4
1.5
2.1
2.2
2.3
2.4
3.1
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
1.197
1.177
0.675
0.655
0.188 R.
MAX.
0.440
0.420
0.161
0.151
0.525 R.
MAX.
0.225
0.205
SEATING
PLANE
0.312
MIN.
0.450
0.250
0.043
0.038
2 PLCS.
0.135
MAX.
0.875
MAX.
1.53
REF.
.425
.200
.100
.350 MIN.
.080
.160
.020
± .020
.035 WIDE
FLAT 3 PLCS.
.115
.425
1
2
3
OM2990SMM
Front View
Pin 1
- Ground
Pin 2
- Output
Pin 3
- Input
Case
- Isolated
OM2990STM
OM2990NTM
Isolated
Non-Isolated
Front View
Front View
Pin 1 - Ground
Pin 1 - Ground
Pin 2 - Input
Pin 2 - Input
Pin 3 - Output
Pin 3 - Output
Tab
- Isolated
Tab
- Input
OM2990NMM
Pin 1
- Ground
Pin 2
- Output
Pin 3
- Input
2
1
OM2990NKM
Pin 1 - Ground
Pin 2 - Output
OM2990N2M
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
12
3
TO-257AA
TO-204AA (TO-3)
SMD-3
SMD 1
“N” PACKAGE
LCC 20
.075 (
±.010)
TYP.
.040
.020 X45
°
REF.
.040 X45
°
REF (3 PL)
.010
.160
SQ. REF.
.065
.009 R.
20 PLCS.
3
1
19
18
14
4
13
9
.003
.050
TYP.
.050 (
±.005)
TYP.
.085
.025 SQ.
TYP.
(
±.003)
.025
TYP.
Pin 1
NC
Pin 11
VOUT
Pin 2
NC
Pin 12
VOUT
Pin 3
NC
Pin 13
NC
Pin 4
NC
Pin 14
NC
Pin 5
NC
Pin 15
VIN
Pin 6
Ground
Pin 16
VIN
Pin 7
NC
Pin 17
VIN
Pin 8
NC
Pin 18
NC
Pin 9
VOUT(Sense)
Pin 19
NC
.140
.415
.157
.015
.140
.140
.050
.050
.037
.375
.030
MIN.
1
2
3


Similar Part No. - OM2990-5.2NMM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM2940-05SM ETC-OM2940-05SM Datasheet
41Kb / 4P
   SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR
OM2940-12SM ETC-OM2940-12SM Datasheet
41Kb / 4P
   SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR
OM2940-15SM ETC-OM2940-15SM Datasheet
41Kb / 4P
   SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR
OM2940STM ETC-OM2940STM Datasheet
38Kb / 4P
   0.5 VOLT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATOR APPROVED TO DESC DRAWING
More results

Similar Description - OM2990-5.2NMM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1325SMM ETC1-OM1325SMM Datasheet
38Kb / 4P
   Three Terminal, Precision Adjustable Negative Voltage Regulator In Hermetic Style Packages
OM1324SMM ETC1-OM1324SMM Datasheet
37Kb / 4P
   Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com