Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-334E-GI000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDSP-334E-GI000
Description  7.62 mm (0.3 inch) General Purpose Seven-Segment Display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-334E-GI000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDSP-334E-GI000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-334E-GI000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-334E-GI000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-334E-GI000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-334E-GI000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-334E-GI000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-334E-GI000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-334E-GI000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-334E-GI000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
This 7.62 mm (0.3 inch) LED
seven-segment display uses
industry standard size package
and pinout. The device is
available in either common anode
Agilent HDSP-331x/332E/333x/334x Series
7.62 mm (0.3 inch) General Purpose
Seven-Segment Display
Data Sheet
Features
• Industry standard size
• Industry standard pinout
7.62 mm (0.4 inch) character height
DIP lead on 2.54 mm
• Choice of colors
High Efficiency Red (HER), Green,
AlGaAs Red, and Yellow
• Excellent appearance
Evenly lighted segments gray pack-
age gives optimum contrast
± 50° viewing angle
• Design flexibility
Common anode or common cathode
Single digit
Left and right hand decimal point
• Categorized for luminous
intensity
Green and yellow categorized for
color
Applications
• Suitable for indoor use
• Not recommended for industrial
application, i.e., operating
temperature requirements
exceeding +85˚C or below –25˚C[1]
• Extreme temperature cycling not
recommended
Note:
1. For additional details, please contact your
local Agilent sales office or an authorized
distributor.
Devices
HER
Green
AlGaAs Red
Yellow
Description
Package Drawing
HDSP-331E
HDSP-331G
HDSP-331A
HDSP-331Y
Common Anode, Right Hand and
A
Left Hand Decimal
HDSP-332E
Common Anode, Right Hand and Left
A
Hand Decimal without Pin 4, 5 and 12
HDSP-333E
HDSP-333G
HDSP-333A
HDSP-333Y
Common Cathode, Right Hand
B
Decimal
HDSP-334E
HDSP-334G
HDSP-334A
HDSP-334Y
Common Cathode, Right Hand Decimal
C
or common cathode. The choice
of colors includes High Efficiency
Red (HER), Green, AlGaAs Red,
and Yellow. The gray face
displays are suitable for indoor use.


Similar Part No. - HDSP-334E-GI000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-334E AVAGO-HDSP-334E Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-334E AVAGO-HDSP-334E Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results

Similar Description - HDSP-334E-GI000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331X AVAGO-HDSP-331X Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-331E AVAGO-HDSP-331E_12 Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-511X HP-HDSP-511X Datasheet
353Kb / 10P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
   SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
Lite-On Technology Corp...
LTS-312AG LITEON-LTS-312AG Datasheet
112Kb / 5P
   The LTS-312AG is a 0.3-inch (7.62-mm) digit height single digit seven-segment display
logo
Agilent(Hewlett-Packard...
HP5082-7740 HP-HP5082-7740 Datasheet
311Kb / 8P
   7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-311X AVAGO-HDSP-311X Datasheet
67Kb / 12P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com