Electronic Components Datasheet Search |
|
HDSP-333E-GK000 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard) |
|
HDSP-333E-GK000 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard) |
9 / 14 page 9 Yellow Devices HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions Luminous Intensity/Segment IV 0.71 mcd IF = 5 mA 0.80 1.50 mcd IF = 10 mA Forward Voltage VF 2.15 2.60 V IF = 20 mA Peak Wavelength λPEAK 595 nm Dominant Wavelength λd 590 nm Reverse Voltage VR 5 V IR = 100 µA AlGaAs Red Devices HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions Luminous Intensity/Segment IV 3.93 mcd IF = 5 mA 2.001 4.20 mcd IF = 10 mA Forward Voltage VF 1.85 2.00 V IF = 20 mA Peak Wavelength λPEAK 660 nm Dominant Wavelength λd 643 nm Reverse Voltage VR 5 V IR = 100 µA 331Y 333Y 334Y 331A 333A 334A Intensity Bin Limits (mcd at 10 mA) HER/Green/Yellow AlGaAs Red Bin Name Min.[1] Max.[1] Min.[1] Max.[1] G 0.801 1.250 NA NA H 1.251 2.000 NA NA I 2.001 3.200 2.001 3.200 J NA NA 3.201 5.050 K NA NA 5.051 8.000 Note: 1. Tolerance for each bin limit is ± 10%. Color Bin Limits (nm at 10 mA) Dominant Wavelength (nm) Color Bin Min.[1] Max.[1] Green 3 569.1 571.0 4 571.1 573.0 5 573.1 575.0 Yellow 1 585.5 588.5 2 588.5 591.5 3 591.5 594.5 Note: 1. Tolerance for each bin limit is 1 nm. |
Similar Part No. - HDSP-333E-GK000 |
|
Similar Description - HDSP-333E-GK000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |