Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS6724 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPS6724
Description  One Watt Darlington Transistors NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6724 Datasheet(HTML) 1 Page - ON Semiconductor

  MPS6724 Datasheet HTML 1Page - ON Semiconductor MPS6724 Datasheet HTML 2Page - ON Semiconductor MPS6724 Datasheet HTML 3Page - ON Semiconductor MPS6724 Datasheet HTML 4Page - ON Semiconductor MPS6724 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 3
1
Publication Order Number:
MPS6724/D
MPS6724, MPS6725
One Watt Darlington
Transistors
NPN Silicon
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector −Emitter Voltage
MPS6724
MPS6725
VCEO
40
50
Vdc
Collector −Base Voltage
MPS6724
MPS6725
VCBO
50
60
Vdc
Emitter −Base Voltage
VEBO
12
Vdc
Collector Current − Continuous
IC
1000
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
1.0
8.0
W
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
2.5
20
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
125
°C/W
Thermal Resistance, Junction−to−Case
RqJC
50
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−92 (TO−226)
CASE 29−10
STYLE 1
MARKING DIAGRAM
3
1
2
http://onsemi.com
MPS
672x
AYWW
G
G
MPS672x = Device Code
x = 4 or 5
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
COLLECTOR 3
BASE
2
EMITTER 1
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MPS6724

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS6724 MOTOROLA-MPS6724 Datasheet
233Kb / 6P
   One Watt Darlington Transistors
More results

Similar Description - MPS6724

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSW45 ONSEMI-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors(NPN Silicon)
1996
MPSW45 ONSEMI-MPSW45_06 Datasheet
72Kb / 6P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW63 ONSEMI-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors(PNP Silicon)
1996
MPSW63 ONSEMI-MPSW63_06 Datasheet
100Kb / 4P
   One Watt Darlington Transistors PNP Silicon
March, 2006 ??Rev. 3
MPSW13 ONSEMI-MPSW13 Datasheet
57Kb / 4P
   One Watt Darlington Transistor NPN Silicon
February, 2006 ??Rev. 4
logo
Motorola, Inc
MPSW63 MOTOROLA-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors
MPSW45 MOTOROLA-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors
logo
ON Semiconductor
MPSW63G ONSEMI-MPSW63G Datasheet
96Kb / 4P
   One Watt Darlington Transistors
March, 2006 ??Rev. 3
logo
Motorola, Inc
MPS6724 MOTOROLA-MPS6724 Datasheet
233Kb / 6P
   One Watt Darlington Transistors
MPSW13 MOTOROLA-MPSW13 Datasheet
113Kb / 4P
   One Watt Darlington Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com