Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM4808C12 Datasheet(PDF) 1 Page - Vicor Corporation

Part # FM4808C12
Description  FM48 FiltMod Input Filter Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FM4808C12 Datasheet(HTML) 1 Page - Vicor Corporation

  FM4808C12 Datasheet HTML 1Page - Vicor Corporation FM4808C12 Datasheet HTML 2Page - Vicor Corporation FM4808C12 Datasheet HTML 3Page - Vicor Corporation FM4808C12 Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FM48, Filter Module
Rev. 2.3
Page 1 of 4
Set your site on VICOR at www.vicorpower.com
45
Shown actual size:
2.28 x 1.45 x 0.5 in
57,9 x 36,8 x 12,7 mm
Data Sheet
FM48
TM
FiltMod
Input Filter Module
Features
• EMI filtering
• 8 and 12 Amp versions
• CE Marked
• Micro-size package
• Low profile mounting option
Products Highlights
The FM48 input filter module enables
designers to meet the conducted
emission limits of EN55022 Level B
and FCC Level B when used with
Vicor’s 48 Volt 2nd Generation of
DC-DC converters. FiltMods accept
an input voltage of 36 to 76Vdc with
a transient withstand capability of
100 Vdc for 100 msec. The FiltMods are
packaged in an industry standard
“quarter-brick” module measuring
2.28" x 1.45" x 0.5" and are available
in either 8 or 12 Ampere capacity.
Both versions may be on-board or
in-board mounted for height critical
applications. The FiltMods can be used
with Vicor’s IAM48 for transient and
surge protection.
Compatible Products
• IAM48
• 2nd Generation 48 V input
DC-DC converters
Note: For alternative product grades, change the “C” in the part number to “T”.
Parameter
Min
Typ
Max
Remarks
Input voltage
36 Vdc
48 Vdc
76 Vdc
Safety approvals
UL 1950, CSA 22.2-950, EN 60950
Dielectric withstand
1,500 Vrms
Input /Output to base
EMI/ RFI
Telcordia GR-001089-Core Issue 2
When used with Vicor 2nd
EN 55022 Level B
Generation 48Vin DC-DC converters
FCC Part 15 Level B
Output current
FM4808C12
8 A
Delivered current to any
FM4812C12
12 A
combination of Vicor’s 2nd Generation
48Vin DC-DC converter
Reverse polarity protection
No damage to unit, external
fusing required
Weight
2.1 ounces (60 grams)
Parameter
C-Grade
T-Grade
Storage temp.
– 40°C to +125°C
– 40°C to +125°C
Operating temp. (baseplate)
– 20°C to +100°C
– 40°C to +100°C
Warranty
2 years
2 years
Product Grade Specifications
FM48-FiltMod Specifications
(At T
BP = 25°C, nominal line, 75% load, unless otherwise specified)
Parameter
Rating
Unit
Notes
+In to –In
80
Vdc
Continuous
+In to –In
100
V
100 ms
+Out to –Out
75
Vdc
Continuous
Mounting torque
5 (0.57)
in-lbs (N-M)
<5 sec, wave solder
Pin soldering temperature
500 (260)
°F(°C)
<7 sec, hand solder
Pin soldering temperature
750 (390)
°F(°C)
Storage temperature C–,T– Grade
-40 to +125
°C
Operating temperature C– Grade
-20 to +100
°C
Baseplate
Operating temperature T– Grade
-40 to +100
°C
Baseplate
Absolute Maximum Rating
FM
48
08
C
1
1
Output Current
08= 8 Amp
12=12 Amp
Pin Style
1= Short Pin
2= Long Pin
S= Short ModuMate
N= Long ModuMate
Baseplate
1=Slotted
2=Threaded
3=Thru-hole
Product Grade
C=-20° to 100°C
T=-40° to 100°C
Input
Voltage
Product
Part Numbers


Similar Part No. - FM4808C12

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FM4808C12 VICOR-FM4808C12 Datasheet
115Kb / 2P
   FM48 FiltMod Input Filter Module
More results

Similar Description - FM4808C12

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FM48T VICOR-FM48T Datasheet
115Kb / 2P
   FM48 FiltMod Input Filter Module
FIAM VICOR-FIAM Datasheet
156Kb / 4P
   Filter Input Attenuator Module
logo
Powerbox
VI-A11-CU POWERBOX-VI-A11-CU Datasheet
401Kb / 1P
   FILTER INPUT ATTENUATOR MODULE
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM5 VICOR-M-FIAM5 Datasheet
188Kb / 5P
   Military 28Vin Filter Input Attenuator Module
logo
Sparkle Power Inc.
FM704A SPI-FM704A Datasheet
1Mb / 8P
   EMI Input Filter and Transient Suppression Module
logo
Vicor Corporation
MFM1714XD2KD2F4YZZ VICOR-MFM1714XD2KD2F4YZZ Datasheet
450Kb / 14P
   High Voltage MIL-COTS Input Filter Module
logo
Interpoint Corporation ...
FM-704A INTERPOINT-FM-704A_11 Datasheet
1Mb / 9P
   EMI Input Filter and Transient Suppression Module
FM704A INTERPOINT-FM704A Datasheet
126Kb / 7P
   EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
   Thermocouple Input Module Analog Input Module RTD Input Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com