Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-C2CA012GB05 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-C2CA012GB05
Description  ULTRA MINIATURE RELAY SIGNAL RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-C2CA012GB05 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-C2CA012GB05 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-C2CA012GB05 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-C2CA012GB05 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-C2CA012GB05 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-C2CA012GB05 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-C2CA012GB05 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-C2CA012GB05 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-C2CA012GB05 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

FTR-C2 Series
ULTRA MINIATURE RELAY
SIGNAL RELAY
n
FEATURES
l
Dimensions of large contact gap relay
Height:
.8 mm maximum (THT)
2 mm maximum (SMT)
Length:
20.2 mm maximum
Width:
0 mm maximum
l
Conforms to IEC60950 / EN60950 / UL950/ CSA C22.2
No.950 spacing & high breakdown voltage
l
Recognized by UL/CSA and Bsi
UL: File E6365 Vol. 2 Sec.4
CSA:Mastercontract169663Certificate1088921
Clearance:
2.0 mm (between open contacts,
coil and contacts, contact sets)
Creepage:
2.0 mm (between open contacts,
coil and contacts, contact sets)
l
HIGH RELIABILITY
Bifurcated contacts
l
Low power consumption 300 mV
l
RoHS Compliant since production
n
ORDERING INFORMATION
FTR-C2
C A 02 G -B 05*
[Example]
(a)
(b) (c) (d) (e) (f) (g)
Remarks: Actual marking on relay would not carry code FTR and be as below:
Ordering code
Actual marking
FTR-C2CA03G→
C2CA03G
*only SMT version
RoHS compliant
)
a
(
e
m
a
N
s
e
ir
e
S
2
C
-
R
T
F
)
b
(
e
c
n
a
r
a
e
r
p
p
A
l
n
a
i
m
r
e
T
e
p
y
t
e
l
o
h
h
g
u
o
r
h
T
:
C
e
p
y
t
t
n
u
o
m
e
c
a
fr
u
S
:
G
)
c
(
n
o
it
c
n
u
F
n
o
it
a
r
e
p
O
e
p
y
t
d
r
a
d
n
a
t
S
:
A
e
p
y
t
g
n
i
h
c
t
a
L
:
B
)
d
(
r
e
b
m
u
N
li
o
C
e
g
a
tl
o
V
l
a
n
i
m
o
N
)
e
(
l
a
ir
e
t
a
M
t
c
a
t
n
o
C
y
o
ll
a
r
e
v
li
S
:
G
)f
(
n
o
it
c
e
ri
d
g
n
i
s
o
l
c
n
e
y
a
l
e
R
n
o
it
c
e
ri
d
g
n
i
s
o
l
c
n
e
d
r
a
d
n
a
t
s
:
B
)
g
(
l
e
e
r
r
e
p
s
y
a
l
e
r
f
o
r
e
b
m
u
N
)
d
r
a
d
n
a
t
s
(
0
0
5
:
5
0


Similar Part No. - FTR-C2CA012GB05

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C2CA012G FUJITSU-FTR-C2CA012G Datasheet
840Kb / 8P
   SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
More results

Similar Description - FTR-C2CA012GB05

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
NEC
EA23SNU NEC-EA23SNU Datasheet
103Kb / 8P
   MINIATURE SIGNAL RELAY
logo
Adam Technologies, Inc.
RPL-1A-P-24 ADAM-TECH-RPL-1A-P-24 Datasheet
92Kb / 1P
   MINIATURE SIGNAL RELAY
logo
Hongfa Technology
HFD3-I HONGFA-HFD3-I Datasheet
833Kb / 6P
   MINIATURE SIGNAL RELAY
logo
Adam Technologies, Inc.
RPL-1C-P-48 ADAM-TECH-RPL-1C-P-48 Datasheet
93Kb / 1P
   MINIATURE SIGNAL RELAY
logo
Omron Electronics LLC
G5V-2 OMRON-G5V-2_1 Datasheet
86Kb / 4P
   Miniature Relay for Signal Circuits
G5V2 OMRON-G5V2 Datasheet
421Kb / 6P
   Miniature Relay for Signal Circuits
G5V-2-DC24 OMRON-G5V-2-DC24 Datasheet
369Kb / 6P
   Miniature Relay for Signal Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com