Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS00-05065 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HS00-05065
Description  e10/100Base Networking Products
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HS00-05065 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HS00-05065 Datasheet HTML 1Page - List of Unclassifed Manufacturers HS00-05065 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
85
• Meets 350 µH OCL with 8 mA DC Bias
• Meets the required 1500 Vrms line isolation
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoHS Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

Electrical / Environmental
10/100Base Networking Products
RoHS
Compliant
for
‘LF’ Models
Specifications
Ports
Configuration6
Turns Ratio7
Packaging (mm)
Hi-Pot
BI P/N1
RoHS2 Supported
Tx
Rx
Tx
Rx
Style
Pitch
Length Width Height Vrms)
HS00-041514,5
LF
1
T, C, S
C, T
1CT:1CT
1CT:1CT
12-pin SMT
79 mil
14.81
14.73
4.88
1500
HS00-995854
LF
1
T, C, S
C, T
1CT:1CT
1CT:1CT
12-pin SMT
79 mil
14.81
15.20
4.88
1500
HS00-04021
LF
1
C, T, C
C, T
1CT:1CT
1CT:1CT 14-pin PCMCIA 100 mil 20.32
17.40
2.49
1500
HS00-98264
LF
1
T, C
T, C
1CT:1CT
1CT:1CT 14-pin PCMCIA 100 mil 20.32
17.40
2.39
1500
HS00-02571
LF
1
T, C, S
C, T
1CT:1CT
1CT:1CT 16-pin PCMCIA
50 mil
11.81
11.43
2.16
1500
HS00-02711
LF
1
T, C
C, T
1CT:1CT
1CT:1CT 16-pin PCMCIA
50 mil
11.81
11.43
2.19
1500
HS00-05108
LF
1
T, C, S
C, T
1CT:1CT
1CT:1CT 16-pin PCMCIA
50 mil
11.81
11.43
2.16
1500
HS91-01267
LF
1
T, C
C, T
1CT:1
1CT:1CT 16-pin PCMCIA
50 mil
11.81
11.43
2.16
1500
HS00-98265
3
1
T, C
C, T
1CT:1CT
1CT:1CT 16-pin PCMCIA
50 mil
14.22
17.01
2.20
1500
HS00-99112
3
1
T, C
C, T
√2CT:1CT 1CT:1CT 16-pin PCMCIA 50 mil 14.22
17.01
2.20
1500
HS00-04078
LF
1
T, C
C, T
1CT:1CT
1CT:1CT 16-pin PCMCIA
50 mil
12.70
9.30
1.95
1500
HS00-04148
LF
1
T, C
T, C
1CT:1CT
1CT:1CT 16-pin PCMCIA
50 mil
12.70
9.60
2.08
1500
HS91-01180
LF
1
T, C
C, T
1CT:1CT
1CT:1CT 16-pin PCMCIA
50 mil
12.70
9.52
1.98
1500
HS00-00089
LF
1
C, T
C, T
1CT:1CT
1CT:1CT
16-pin SMT
50 mil
12.70
9.65
6.22
1500
HS00-00508
LF
1
T, C
T, C
1CT:1CT
1CT:1CT
16-pin SMT
50 mil
12.70
9.65
6.22
1500
HS00-01043
LF
1
T, C
T, C
1CT:1CT
1CT:1CT
16-pin SMT
50 mil
12.70
9.65
6.22
1500
HS00-03178
LF
1
T, C
T, C
1CT:1CT
1CT:1CT
16-pin SMT
50 mil
12.70
9.35
6.22
1500
HS00-03833
LF
1
T, C
T, C
1CT:1CT
1CT:1CT
16-pin SMT
50 mil
12.70
9.26
6.06
1500
HS00-04054
LF
1
T, C
T, C
1CT:1CT
1CT:1CT
16-pin SMT
50 mil
12.70
9.35
5.08
1500
HS00-04157
LF
1
T,C,S
C,T
1CT:1CT
1CT:1CT
16-pin SMT
50 mil
12.70
9.53
5.73
1500
HS00-05065
LF
1
T, C
T, C
1CT:1CT
1CT:1CT
16-pin SMT
50 mil
12.70
9.65
5.98
1500
HS00-05066
LF
1
C,T
C,T
1CT:1CT
1CT:1CT
16-pin SMT
50 mil
12.70
9.35
6.22
1500
HS00-99142
LF
1
T, C
T, C
1CT:1CT
1CT:1CT
16-pin SMT
50 mil
12.70
9.65
5.98
1500
HS00-99557
LF
1
C, T
C, T
1CT:1CT
1CT:1CT
16-pin SMT
50 mil
12.70
9.65
6.22
1500
HS00-99657
LF
1
T, C
T, C
1CT:1CT
1CT:1CT
16-pin SMT
50 mil
12.70
9.65
5.98
1500
HS00-00100
LF
1
C, T, C, S C, T
1CT:1CT
1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS00-00521
LF
1
T, C, S
C, T
1CT:
√2CT 1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS00-00525
LF
1
T, C, S
C, T
1CT:1CT
1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS00-03020A5
LF
1
C, T
C, T
1CT:1CT
1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS00-05011
LF
1
T, C
T, C
1CT:1CT
1CT:1CT
16-pin SMT
100 mil 25.40
12.70
5.97
1500
HS00-98241
LF
1
T, C
T, C
2CT:1CT
1:1:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS00-98242
LF
1
T, C
T, C
√2CT:1CT 1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS00-98243
LF
1
T, C
T, C 1.25CT:1CT 1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS00-98244
LF
1
T, C
T, C 1.25CT:1CT 1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS00-98245
LF
1
T, C, S
T, C 1.25CT:1CT 1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS00-98272
LF
1
C, T, C, S C, T
1CT:1CT
1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS00-99160
LF
1
T, C
C, T
1CT:1CT
1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS00-99193
LF
1
T, C, S
C, T
1CT:1CT
1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS00-99702
LF
1
T, C, S
C, T
1CT:
√2CT 1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS00-99705E
LF
1
C, T, C, S C, T
1CT:1CT
1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500
HS91-030365
LF
1
T, C
T, C
√2CT:1CT 1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500

LF
1
T, C, S
C, T
1CT:1CT
1CT:1CT
16-pin SMT
100 mil 25.40
12.70
6.05
1500
HS91-97700
LF
1
T, C, S
C, T
1CT:1CT
1CT:1CT
16-pin SMT
100 mil 25.40
12.70
7.00
1500


Similar Part No. - HS00-05065

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS00-05061 BITECH-HS00-05061 Datasheet
405Kb / 3P
   Gigabit Ethernet Networking Products
HS00-05062 BITECH-HS00-05062 Datasheet
405Kb / 3P
   Gigabit Ethernet Networking Products
More results

Similar Description - HS00-05065

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS92 BITECH-HS92 Datasheet
329Kb / 1P
   10Base Networking Products
HS00 BITECH-HS00 Datasheet
405Kb / 3P
   Gigabit Ethernet Networking Products
logo
Chicago Miniature Lamp,...
1860913X CML-1860913X Datasheet
302Kb / 1P
   StarLEDs T31/4 (10x25mm) E10
1862723X CML-1862723X Datasheet
306Kb / 1P
   Mega StarLEDs T31/4 (10x25mm) E10
1860713X CML-1860713X Datasheet
368Kb / 1P
   StarLEDs T31/4 (10x25mm) E10
logo
LUMEX INC.
SSP-D29E10SUGC-12V LUMEX-SSP-D29E10SUGC-12V Datasheet
42Kb / 1P
   10mm CIRCULAR E10 BASE LAMP
logo
Abracon Corporation
ARJE-0051 ABRACON-ARJE-0051 Datasheet
1Mb / 4P
   Networking equipment
09/26/2016
logo
NXP Semiconductors
S32G3 NXP-S32G3 Datasheet
1Mb / 131P
   FlexRay networking with high data rate Ethernet networking
Rev. 2 - 02/2023
logo
Integrated Circuit Syst...
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
   Networking Clock Source
logo
Bud Industries, Inc.
UN-8080 BUD-UN-8080 Datasheet
120Kb / 1P
   UNIVERSAL NETWORKING CABINET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com