Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3322E Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3322E
Description  15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3322E Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3322E Datasheet HTML 3Page - Maxim Integrated Products MAX3322E Datasheet HTML 4Page - Maxim Integrated Products MAX3322E Datasheet HTML 5Page - Maxim Integrated Products MAX3322E Datasheet HTML 6Page - Maxim Integrated Products MAX3322E Datasheet HTML 7Page - Maxim Integrated Products MAX3322E Datasheet HTML 8Page - Maxim Integrated Products MAX3322E Datasheet HTML 9Page - Maxim Integrated Products MAX3322E Datasheet HTML 10Page - Maxim Integrated Products MAX3322E Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
High-input impedance is guaranteed from -13.0V to
+13.0V, when the receiver is in high-input-impedance
mode. The receiver is able to withstand the RS-232
maximum input voltage of ±25V.
Shutdown Mode
Supply current falls to less than 10µA when the
MAX3322E/MAX3323E are placed in shutdown mode
(logic low). When in shutdown mode, the devices’
charge pumps are turned off, V+ decays to VCC, V- is
pulled to ground, the transmitter outputs and the
receiver outputs are disabled (high impedance), and
the receiver inputs are in high impedance (Table 1).
The device enters shutdown when VL or VCC is absent.
The time required to exit shutdown is typically 50µs, as
shown in Figure 4. Connect SHDN to VCC if shutdown
mode is not used.
VL Logic Supply Input
Unlike other RS-232 interface devices, in which the
receiver outputs swing between 0 and VCC, the
MAX3322E/MAX3323E feature a separate logic supply
input (VL) that sets VOUT for the receiver outputs and
sets thresholds for the transmit and shutdown inputs.
This feature allows a great deal of flexibility in interfac-
ing to many types of systems with different logic levels.
Connect this input to the host logic supply (1.65V
≤ VL
≤ 5.5V).
±15kV ESD Protection
To protect the MAX3322E/MAX3323E against ESD,
transmitters and receivers have extra protection against
static electricity to protect the device up to ±15kV. The
ESD structures withstand high ESD in all states: normal
operation, shutdown, and powered down. ESD protec-
tion can be tested in various ways; the transmitter and
receiver pins are characterized for protection to the fol-
lowing limits:
• ±15kV using the Human Body Model
• ±8kV using the IEC 1000-4-2 Contact Discharge
method
• ±15kV using the IEC 1000-4-2 Air-Gap method
Note: ESD performance depends on many conditions.
Contact Maxim for a reliability report that documents
test setup, test methodology, and test results.
Human Body Model
Figure 5 shows the Human Body Model, and Figure 6
shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
est, which is then discharged into the test device
through a 1.5k
Ω resistor.
±15kV ESD-Protected, RS-232 Transceivers for
Multidrop Applications
_______________________________________________________________________________________
7
TXENABLE
RENABLE
SHDN
TRANSMITTER OUTPUT
RECEIVER OUTPUT
RECEIVER INPUT
1
1
0
High-Z
High-Z
High-Z
1
1
1
Active
Enabled
5k
1
0
0
High-Z
High-Z
High-Z
1
0
1
Active
Enabled
High-Z
0
1
0
High-Z
High-Z
High-Z
0
1
1
High-Z
Enabled
5k
0
0
0
High-Z
High-Z
High-Z
0
0
1
High-Z
Enabled
High-Z
Table 1. Tx/Rx Logic
50
µs/div
T2
T1
5V/div
2V/div
VCC = 3.3V
C1–C4 = 0.1
µF
Figure 4. Transmitter Outputs when Exiting Shutdown


Similar Part No. - MAX3322E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3322EEUP MAXIM-MAX3322EEUP Datasheet
334Kb / 13P
   Multidrop Applications
Rev 1; 1/03
More results

Similar Description - MAX3322E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Maxim Integrated Produc...
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
logo
Intersil Corporation
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
   3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com