Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA44 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPSA44
Description  High Voltage Transistor(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA44 Datasheet(HTML) 3 Page - ON Semiconductor

  MPSA44 Datasheet HTML 1Page - ON Semiconductor MPSA44 Datasheet HTML 2Page - ON Semiconductor MPSA44 Datasheet HTML 3Page - ON Semiconductor MPSA44 Datasheet HTML 4Page - ON Semiconductor MPSA44 Datasheet HTML 5Page - ON Semiconductor MPSA44 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPSA44
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
160
20
1.0
IB, BASE CURRENT (µA)
Figure 2. Collector Saturation Region
0.5
0.3
0
10
10 k
300
TA = 25°C
IC = 1.0 mA
30
100
1.0 k
3.0 k
50 k
IC, COLLECTOR CURRENT (mA)
Figure 3. “On” Voltages
1.0
0
0.1
30
TA = 25°C
VBE(on) @ VCE = 10 V
VCE(sat) @ IC/IB = 10
3.0
10
100
VBE(sat) @ IC/IB = 10
0.3
300
2.0
5.0
10
20
50
200 300
140
60
100
120
TA = 125°C
25
°C
–55
°C
VCE = 10 V
0.4
0.2
0.1
IC = 10 mA
1.0
0.8
0.6
0.4
0.2
80
40
100
IC = 50 mA
VCE, COLLECTOR VOLTAGE (VOLTS)
10
20
50
Figure 4. Active Region — Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
300
200
100
20
10
1.0
100
200
500
100
µs
1.0 ms
TA = 25°C
1000
VALID FOR DUTY CYCLE
≤ 10%
1.0 s
TC = 25°C
MPSA44
Figure 5. Capacitance
REVERSE BIAS (VOLTS)
100
30
10
3.0
1.0
0.5
0.3
100
TA = 25°C
f = 1.0 MHz
Cib
300
1.0
2.0
5.0
10
20
50
Cob
10
3.0
2.0
1.5
1.0
0.1
30
3.0
10
0.3
100
1.0
0.2
Figure 6. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
VCE = 10 V
f = 10 MHz
TA = 25°C
1.0
2.0
5.0
2.0


Similar Part No. - MPSA44

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA44 MOTOROLA-MPSA44 Datasheet
170Kb / 6P
   High Voltage Transistor
logo
ON Semiconductor
MPSA44 ONSEMI-MPSA44 Datasheet
71Kb / 5P
   High Voltage Transistor
August, 2006 ??Rev. 4
logo
First Silicon Co., Ltd
MPSA44 FS-MPSA44 Datasheet
176Kb / 3P
   TRANSISTOR (NPN)
logo
NXP Semiconductors
MPSA44 PHILIPS-MPSA44 Datasheet
42Kb / 8P
   NPN high-voltage transistor
1999 Apr 27
logo
Micro Commercial Compon...
MPSA44 MCC-MPSA44 Datasheet
261Kb / 4P
   NPN Silicon High Voltage Transistor 625mW
More results

Similar Description - MPSA44

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
   NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
   NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
   NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
   High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
   High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Zowie Technology Corpor...
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
PZTA42 INFINEON-PZTA42 Datasheet
41Kb / 4P
   NPN Silicon High Voltage Transistor
Jun-29-2001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com