Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048F060T040 Datasheet(PDF) 1 Page - Vicor Corporation

Part # V048F060T040
Description  VI Chip - PRM-AL Pre-Regulator Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F060T040 Datasheet(HTML) 1 Page - Vicor Corporation

  V048F060T040 Datasheet HTML 1Page - Vicor Corporation V048F060T040 Datasheet HTML 2Page - Vicor Corporation V048F060T040 Datasheet HTML 3Page - Vicor Corporation V048F060T040 Datasheet HTML 4Page - Vicor Corporation V048F060T040 Datasheet HTML 5Page - Vicor Corporation V048F060T040 Datasheet HTML 6Page - Vicor Corporation V048F060T040 Datasheet HTML 7Page - Vicor Corporation V048F060T040 Datasheet HTML 8Page - Vicor Corporation V048F060T040 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
vicorpower.com
800-735-6200
V•I Chip Pre-Regulator Module
P048F048T12AL
Rev. 1.0
Page 1 of 14
PRELIMINARY
• 48 V input V•I Chip PRM
• Vin range 36 – 75 Vdc
• High density – 438 W/in3
• Small footprint – 110 W/in2
• Low weight – 0.5 oz (14 g)
• Adaptive Loop feedback
• ZVS buck-boost regulator
• 1.5 MHz switching frequency
• 96% Efficiency
• 125˚C operation
P048F048T12AL
Vin = 36 – 75 V
Vf = 26 – 55 V
Pf = 120 W
If = 2.5 A
©
V•I ChipTM – PRM-AL
Pre-Regulator Module
Product Description
The V•I Chip Pre-Regulator Module (PRM) is a very
efficient non-isolated regulator capable of both
boosting and bucking a wide range input voltage. It is
specifically designed to provide a controlled Factorized
Bus distribution voltage for powering downstream
V•I Chip Voltage Transformation Modules (VTMs) —
fast, efficient, isolated, low noise Point-of-Load (POL)
converters. In combination, PRMs and VTMs form a
complete DC-DC converter subsystem offering all of
the unique benefits of Vicor’s Factorized Power
Architecture (FPA): high density and efficiency; low
noise operation; architectural flexibility; extremely fast
transient response; and elimination of bulk capacitance
at the Point-of-Load (POL).
In FPA systems, the POL voltage is the product of the
Factorized Bus voltage delivered by the PRM and the
"K-factor" (the fixed voltage transformation ratio) of a
downstream VTM. The PRM controls the Factorized Bus
voltage to provide regulation at the POL. Because VTMs
perform true voltage division and current multiplication,
the Factorized Bus voltage may be set to a value that is
substantially higher than the bus voltages typically
found in "intermediate bus" systems, reducing
distribution losses and enabling use of narrower
distribution bus traces. A PRM-VTM chip set can
provide up to 100 A, or 115 W at a FPA system density
of 200 A/in3, or 230 W/in3 — and because the PRM
can be located, or "factorized," remotely from the
POL, these power densities can be effectively doubled.
The PRM described in this data sheet features a unique
"Adaptive Loop" compensation feedback: a single wire
alternative to traditional remote sensing and feedback
loops that enables precise control of an isolated POL
voltage without the need for either a direct connection
to the load or for noise sensitive, bandwidth limiting,
isolation devices in the feedback path.
Actual size
Parameter
Values
Unit
+In to -In
-1.0 to 85.0
Vdc
PC to -In
-0.3 to 6.0
Vdc
PR to -In
-0.3 to 9.0
Vdc
IL to -In
-0.3 to 6.0
Vdc
VC to -In
-0.3 to 18.0
Vdc
+Out to -Out
-0.3 to 59
Vdc
SC to -Out
-0.3 to 3.0
Vdc
VH to -Out
-0.3 to 9.5
Vdc
OS to -Out
-0.3 to 9.0
Vdc
CD to -Out
-0.3 to 9.0
Vdc
SG to -Out
100
mA
Continuous output current
2.5
Adc
Continuous output power
120
W
Operating junction temperature
(M-Grade)
-55 to 125
°C
(T-Grade)
-40 to 125
°C
Storage temperature
(M-Grade)
-65 to 150
°C
(T-Grade)
-40 to 150
°C
Case temperature during reflow:
208
°C
-In
PC
VC
TM
+In
-Out
+Out
VTM
+Out
-Out
K
Ro
+Out
–Out
+In
–In
VC
PC
TM
IL
VH
PR
NC
SG
SC
PRM-AL
OS
NC
CD
Factorized
Bus (Vf)
Vin
Vout
The P048F048T12AL is used with any 048 input series VTM to provide a regulated and
isolated output.
DC-DC Converter
Absolute Maximum Ratings
PRM


Similar Part No. - V048F060T040

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F060T040 VICOR-V048F060T040 Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F060T040 VICOR-V048F060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048F060T040 VICOR-V048F060T040 Datasheet
1,010Kb / 11P
   VTM Current Multiplier
V048F060T040 VICOR-V048F060T040 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
logo
Powerbox
V048F060T040 POWERBOX-V048F060T040 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
More results

Similar Description - V048F060T040

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P048F048T24AL VICOR-P048F048T24AL Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
P048K048T24AL VICOR-P048K048T24AL Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
   PRM-AL Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com