Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048F060T040 Datasheet(PDF) 6 Page - Vicor Corporation

Part # V048F060T040
Description  VI Chip - PRM-AL Pre-Regulator Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F060T040 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button V048F060T040 Datasheet HTML 2Page - Vicor Corporation V048F060T040 Datasheet HTML 3Page - Vicor Corporation V048F060T040 Datasheet HTML 4Page - Vicor Corporation V048F060T040 Datasheet HTML 5Page - Vicor Corporation V048F060T040 Datasheet HTML 6Page - Vicor Corporation V048F060T040 Datasheet HTML 7Page - Vicor Corporation V048F060T040 Datasheet HTML 8Page - Vicor Corporation V048F060T040 Datasheet HTML 9Page - Vicor Corporation V048F060T040 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
vicorpower.com
800-735-6200
V•I Chip Pre-Regulator Module
P048F048T12AL
Rev. 1.0
Page 6 of 14
PRELIMINARY
Figure 10 — Transient response; PRM alone, 36 Vin, 0 – 2.5 – 0 A no load
capacitance. Local Loop
Figure 9 — Transient response; PRM alone, 48 Vin, 0 – 2.5 – 0 A no load
capacitance. Local Loop
Figure 11 — Transient response; PRM alone, 26 Vin, 0 – 2.5 – 0 A no load
capacitance. Local Loop
Figure 12 — PC during fault – frequency will vary as a function of line
voltage.
Figure 14 — Output ripple full load 10µF bypass capacitance. Vf = 48 Vdc
Figure 13 — Output ripple full load no bypass capacitance. Vf = 48 Vdc


Similar Part No. - V048F060T040

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F060T040 VICOR-V048F060T040 Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F060T040 VICOR-V048F060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048F060T040 VICOR-V048F060T040 Datasheet
1,010Kb / 11P
   VTM Current Multiplier
V048F060T040 VICOR-V048F060T040 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
logo
Powerbox
V048F060T040 POWERBOX-V048F060T040 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
More results

Similar Description - V048F060T040

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P048F048T24AL VICOR-P048F048T24AL Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
P048K048T24AL VICOR-P048K048T24AL Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
   PRM-AL Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com