Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4981 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4981
Description  Ground-Referenced, 80mW Stereo Headphone Amplifier with Digital Volume Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4981 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4981 Datasheet HTML 1Page - National Semiconductor (TI) LM4981 Datasheet HTML 2Page - National Semiconductor (TI) LM4981 Datasheet HTML 3Page - National Semiconductor (TI) LM4981 Datasheet HTML 4Page - National Semiconductor (TI) LM4981 Datasheet HTML 5Page - National Semiconductor (TI) LM4981 Datasheet HTML 6Page - National Semiconductor (TI) LM4981 Datasheet HTML 7Page - National Semiconductor (TI) LM4981 Datasheet HTML 8Page - National Semiconductor (TI) LM4981 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4981
Ground-Referenced, 80mW Stereo Headphone Amplifier
with Digital Volume Control
General Description
The
LM4981
is
a
stereo,
ground-referenced,
output
capacitor-less headphone amplifier capable of delivering
83mW of continuous average power into a 16
Ω load with
less than 1% THD+N while operating from a single 3V
supply.
The LM4981 features a new circuit technology that utilizes a
charge pump to generate a negative reference voltage. This
allows the outputs to be biased about ground, thereby elimi-
nating output-coupling capacitors typically used with normal
single-ended loads.
The LM4981 provides high quality audio reproduction with
minimal external components. A ground referenced output
eliminates the output coupling capacitors typically required
to drive single-ended loads such as headphones. The
ground reference architecture reduces components count,
cost and board space consumption, making the LM4981
ideal for handheld MP3 players, mobile phones and other
portable equipment where board space is at a premium.
Eliminating the output capacitors also improves low fre-
quency response.
The LM4981 operates from a single 2.0V – 4.2V supply, and
features a 2-wire, up/down volume control that sets the gain
of the amplifier between -33dB to +12dB in 16 discrete
steps. Selectable (active high/low) low power shutdown
mode provides flexible shutdown control. Superior click and
pop
suppression
eliminates
audible
transients
during
start-up and shutdown.
The LM4981 features an Automatic Standby Mode circuitry
(patent pending). In the absence of an input signal, after
approximately 12 seconds, the LM4981 goes into low cur-
rent standby mode. The LM4981 recovers into full power
operating mode immediately after a signal is applied to either
the left or right input pins. This feature saves power supply
current in battery operated applications.
Key Specifications
j Improved PSRR at 217Hz
67dB (typ)
j THD+N at 1kHz, 50mW
into 32
Ω SE (3V)
1.0% (typ)
j Single Supply Operation (VDD)
2.0 to 4.2V
j Power Output at VDD = 3V,
RL=16
Ω, THD ≤ 1%
83mW (typ)
j Shutdown Current
0.01µA (typ)
Features
n
Ground Referenced Outputs
n
No Output Coupling Capacitors
n
16-Step Volume Control
n
Auto-Standby Mode
n
High PSRR
n
Available in Space Saving LLP package
n
Low Power Shutdown Mode
n
Improved Click and Pop Suppression Eliminates Noises
During Turn-on and Turn-off Transients
n
2.0V to 4.2V Operation
n
83mW Per Channel Into 16
n
Selectable Shutdown Controls (Active High/Low)
Applications
n
Portable MP3 Players
n
Mobile Phones
n
PDAs
Boomer® is a registered trademark of National Semiconductor Corporation.
November 2005
© 2005 National Semiconductor Corporation
DS201473
www.national.com


Similar Part No. - LM4981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4980 NSC-LM4980 Datasheet
1Mb / 20P
   2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
LM4980SD NSC-LM4980SD Datasheet
1Mb / 20P
   2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
LM4982 NSC-LM4982 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
LM4982TL NSC-LM4982TL Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
More results

Similar Description - LM4981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4982 NSC-LM4982 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
New Japan Radio
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
   Ground Referenced Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
   Digital volume control stereo headphone amplifier
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com