Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048F240T012 Datasheet(PDF) 10 Page - Vicor Corporation

Part # V048F240T012
Description  VI Chip - PRM-AL Pre-Regulator Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F240T012 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button V048F240T012 Datasheet HTML 6Page - Vicor Corporation V048F240T012 Datasheet HTML 7Page - Vicor Corporation V048F240T012 Datasheet HTML 8Page - Vicor Corporation V048F240T012 Datasheet HTML 9Page - Vicor Corporation V048F240T012 Datasheet HTML 10Page - Vicor Corporation V048F240T012 Datasheet HTML 11Page - Vicor Corporation V048F240T012 Datasheet HTML 12Page - Vicor Corporation V048F240T012 Datasheet HTML 13Page - Vicor Corporation V048F240T012 Datasheet HTML 14Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
vicorpower.com
800-735-6200
V•I Chip Pre-Regulator Module
P048F048T24AL
Rev. 1.7
Page 10 of 14
PRELIMINARY
Application Information (continued)
V•I Chip Pre-Regulator Module
OVP – Overvoltage Protection
The output Overvoltage Protection set point of the P048K048T24AL is
factory preset for 56 V. If this threshold is exceeded the output shuts
down and a restart sequence is initiated, also indicated by PC pulsing.
If the condition that causes OVP is still present, the unit will again shut
down. This cycle will be repeated until the fault condition is removed.
The OVP set point may be set at the factory to meet unique high
voltage requirements.
PRM output power versus VTM output power
As shown in Figure 17, the P048F048T24AL is rated to deliver 5 A
maximum, when it is delivering an output voltage in the range from
26 V to 48 V, and 240 W, maximum, when delivering an output
voltage in the range from 48 V to 55 V. When configuring a PRM for
use with a specific VTM, refer to the appropriate VTM data sheet. The
VTM input power can be calculated by dividing the VTM output power
by the VTM efficiency (available from the VTM data sheet). The input
power required by the VTM should not exceed the output power
rating of the PRM.
The Factorized Bus voltage should not exceed an absolute limit of
55 V, including steady state, ripple and transient conditions. Exceeding
this limit may cause the internal OVP set point to be exceeded.
Parallel considerations
The PR port is used to connect two or more PRMs in parallel to form a
higher power array. When configuring arrays, PR port interconnection
bypass capacitance must be used at ~1nF per PRM. Additionally one
PRM should be designated as the master while all other PRMs are set
as slaves by shorting their SC pin to SG. The PC pins must be directly
connected (no diodes) to assure a uniform start up sequence. The
factorized bus should be connected in parallel as well.
Adjusting current limit
The current limit can be lowered by placing an external resistor
between the IL and SG ports (see figure 18 for resistor values). With
the IL port open-circuit, the current limit is preset to be within the
range specified in the output specifications table on Page 4.
Input fuse recommendations
A fuse should be incorporated at the input to the PRM, in series with
the +IN port. A fast acting fuse, NANO2 FUSE 451/453 Series 10 A
125 V, or equivalent, may be required to meet certain safety agency
Conditions of Acceptability. Always ascertain and observe the safety,
regulatory, or other agency specifications that apply to your specific
application.
Product safety considerations
If the input of the PRM is connected to SELV or ELV circuits, the output
of the PRM can be considered SELV or ELV respectively.
If the input of the PRM is connected to a centralized DC power system
where the working or float voltage is above SELV, but less than or
equal to 75 V, the input and output voltage of the PRM should be
classified as a TNV-2 circuit and spaced 1.3 mm from SELV circuitry or
accessible conductive parts according to the requirements of UL60950,
CSA 22.2 60950, EN60950, and IEC60950.
Applications assistance
Please contact Vicor Applications Engineering for assistance,
1-800-927-9474, or email at apps@vicr.com.
1.00
10.00
100.00
12
345
Desired PRM Output Current Limit (A)
Figure 18 — Calculated external resistor value for adjusting current limit,
actual value may vary.
26
30
34
38
42
46
50
54
Factorized Bus Voltage (Vf)
4.6
4.7
4.8
4.9
5.0
5.1
28
32
36
40
44
48
52
4.5
4.4
4.3
60
20
~
~
0
22 24
56 58
Safe Operating Area
Figure 17 — P048K048T24AL rating based on Factorized Bus voltage


Similar Part No. - V048F240T012

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F240T012 VICOR-V048F240T012 Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F240T012 VICOR-V048F240T012 Datasheet
979Kb / 11P
   VTM Current Multiplier
V048F240T012 VICOR-V048F240T012 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
logo
Powerbox
V048F240T012 POWERBOX-V048F240T012 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
logo
Vicor Corporation
V048F240T012 VICOR-V048F240T012 Datasheet
1Mb / 11P
   VTM?줓urrent Multiplier
More results

Similar Description - V048F240T012

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P048F048T12AL VICOR-P048F048T12AL Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
P048K048T24AL VICOR-P048K048T24AL Datasheet
544Kb / 15P
   VI Chip - PRM-AL Pre-regulator Module
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
   PRM-AL Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com