Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI1004-1 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI1004-1
Description  Programmable Point-of-Load Controller with 6-bit VID
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI1004-1 Datasheet(HTML) 2 Page - Vicor Corporation

  PI1004-1 Datasheet HTML 1Page - Vicor Corporation PI1004-1 Datasheet HTML 2Page - Vicor Corporation PI1004-1 Datasheet HTML 3Page - Vicor Corporation PI1004-1 Datasheet HTML 4Page - Vicor Corporation PI1004-1 Datasheet HTML 5Page - Vicor Corporation PI1004-1 Datasheet HTML 6Page - Vicor Corporation PI1004-1 Datasheet HTML 7Page - Vicor Corporation PI1004-1 Datasheet HTML 8Page - Vicor Corporation PI1004-1 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Picor Corporation • picorpower.com
PI1004 Data Sheet Rev. 2.5 Page 2 of 16
Pin Description
PIN # Pin Name
Description
1- 6
VID[0:5]
Voltage identification digital inputs. The VID inputs program the reference voltage on the REFOUT
pin. Tying all VID pins high is treated as a fault and sets the fault latch. To hardwire the VID code, the
inputs may be connected to Vcc or SGND as applicable. See Table 1 for VID codes.
7
PWRGD
Power-good open-collector output. This pin is an open circuit when (REFIN-230 mV) ≤ VO ≤ (REFIN+160
mV) and the input bus voltage is not in a UVLO condition. When VO is outside the VO window, (REFIN-
230 mV ) < VO < (REFIN+160 mV) or the input bus voltage is in a UVLO condition, or if the ENABLE is
low, the PWRGD output is low.
8
OFFSET
PI1004-1 only. Provides a programmable VID offset current. A current equal to the current out of the
OFFSET pin is added to IAVP to provide a fixed negative offset. To program the offset connect a resistor
between OFFSET and SGND. The current is nominally equal to 0.25 V / ROFFSET. Not used tie to Vcc.
8
OVP
PI1004-2 only. Over-voltage protection signal, TTL output. When VO ≥ (REFIN+220 mV) and the input
bus voltage is not in a UVLO condition and ENABLE is high, OVP is high. When VO < (REFIN+220 mV)
or the input bus voltage is in a UVLO condition, or ENABLE is low, OVP is low.
9
ENABLE
Logic input control of biasing. If ENABLE = low the PI1004 is disabled and quiescent current is reduced
to <400 uA. If ENABLE = high the PI1004 is enabled and the part operates normally if Vcc > UVLO.
10
SS
Soft start programming terminal. The error amp non-inverting input (EAIP) is clamped below the level
of the SS pin. An internal 5uA charging current is provided to program soft start with an external
capacitor. Soft start pin is discharged and held low with ENABLE low, UVLO, or VID=x11111. To control
soft-start connect a capacitor between the SS pin and SGND.
11
VO
Output voltage positive sense signal used for the power good and over-voltage protection circuits.
Connect directly to the output or if feedback divider is employed, connect to the output through a
voltage divider with the same ratio as the feedback divider.
12
ISN
Load current negative sense terminal. Connect ISN to the negative side of the sense resistor.
If AVP is not used, tie ISN to SGND.
13
ISP
Load current positive sense terminal. Connect ISP to the positive side of the sense resistor to detect
load current for AVP. If AVP is not used, tie ISP to SGND.
14
RG
Adaptive voltage positioning gain resistor connection. The sink current from the IAVP pin is:
IAVP = 4*[V(ISP)-V(ISN)]/RG. If AVP is not used, tie RG to Vcc.
15
IAVP
Adaptive voltage positioning sink current. This pin sinks current proportional to the load.
Connect to the EAIP pin with an AVP resistor (RAVP) tied from EAIP to REFOUT. The regulator
output voltage will drop with increasing load. If AVP is not used, connect IAVP to Vcc.
16
REFIN
Reference input voltage for the over-voltage protection and power good indicators.
Normally REFIN is tied to REFOUT.
17
EAIP
Non-inverting input to the error amplifier. If AVP and offset are not used, connect EAIP to
REFOUT. To use AVP connect directly to IAVP and to REFOUT through a resistor.
18
EAIN
Inverting input to the error amplifier. Connect EAIN to the positive remote output voltage sense
point through the feedback network. Run in parallel to the SGND connection to avoid noise pick-up.
19
EAO
Error amplifier output terminal.
20
REFOUT
Reference output voltage as defined by the VID codes in Table 1. The reference is capable of sourcing
up to 1 mA of current. In a typical CPU application REFOUT is connected to REFIN to set the thresholds
for Power Good and to EAIP through a resistor to enable Adaptive Voltage Positioning.
21
VCC
Internal circuit supply. Bypass Vcc to SGND with a 0.1 µF capacitor.
22
SGND
Internal substrate connection and negative output voltage sense terminal.
Connect to the negative remote output voltage sense point and run in parallel with the positive sense
line to avoid noise pick-up.
23,24
NC
No connect. Post package programming pin.


Similar Part No. - PI1004-1

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PI10040 FENGJUI-PI10040 Datasheet
259Kb / 3P
   HIGH CURRENT INDUCTOR-RoHS
PI10040-100M FENGJUI-PI10040-100M Datasheet
259Kb / 3P
   HIGH CURRENT INDUCTOR-RoHS
PI10040-150M FENGJUI-PI10040-150M Datasheet
259Kb / 3P
   HIGH CURRENT INDUCTOR-RoHS
PI10040-1R0M FENGJUI-PI10040-1R0M Datasheet
259Kb / 3P
   HIGH CURRENT INDUCTOR-RoHS
PI10040-1R5M FENGJUI-PI10040-1R5M Datasheet
259Kb / 3P
   HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PI1004-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10011 TI-LM10011 Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
LM10011 TI-LM10011_15 Datasheet
942Kb / 24P
[Old version datasheet]   LM10011 6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010 TI-LM10010_15 Datasheet
799Kb / 17P
[Old version datasheet]   LM10010 VID Voltage Programmer for Point of Load Regulator
UCD9240 TI-UCD9240 Datasheet
565Kb / 21P
[Old version datasheet]   UCD9240 Digital Point of Load System Controller
logo
STMicroelectronics
L6919E STMICROELECTRONICS-L6919E Datasheet
606Kb / 33P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
L6919C STMICROELECTRONICS-L6919C Datasheet
558Kb / 32P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
logo
International Rectifier
IR3094PBF IRF-IR3094PBF Datasheet
802Kb / 29P
   3 PHASE PWM CONTROLLER FOR POINT OF LOAD
logo
CUI INC
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
   point of load converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com