Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA06RLRP Datasheet(PDF) 4 Page - ON Semiconductor

Part # MPSA06RLRP
Description  Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA06RLRP Datasheet(HTML) 4 Page - ON Semiconductor

  MPSA06RLRP Datasheet HTML 1Page - ON Semiconductor MPSA06RLRP Datasheet HTML 2Page - ON Semiconductor MPSA06RLRP Datasheet HTML 3Page - ON Semiconductor MPSA06RLRP Datasheet HTML 4Page - ON Semiconductor MPSA06RLRP Datasheet HTML 5Page - ON Semiconductor MPSA06RLRP Datasheet HTML 6Page - ON Semiconductor MPSA06RLRP Datasheet HTML 7Page - ON Semiconductor MPSA06RLRP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPSA05, MPSA06, MPSA55, MPSA56
http://onsemi.com
4
Figure 8. MPSA05/06 Active−Region Safe
Operating Area
Figure 9. MPSA55/56 Active−Region Safe
Operating Area
Figure 10. MPSA05/06 DC Current Gain
Figure 11. MPSA55/56 DC Current Gain
Figure 12. MPSA05/06 “ON” Voltages
Figure 13. MPSA55/56 “ON” Voltages
2.0
500
0.5
IC, COLLECTOR CURRENT (mA)
400
200
100
80
60
40
10
NPN
PNP
TJ = 125°C
10
500
1.0
IC, COLLECTOR CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
0
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1.0 V
10
1.0
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
500
200
100
50
20
10
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
−10
−50
−1.0
−500
−200
−100
−50
−20
−10
−20
30
−2.0
−5.0
−1.0 k
2.0
5.0
50
1.0 k
1.0 ms
1.0 s
TA = 25°C
MPSA05
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
MPSA06
100
70
20
3.0
7.0
100 ms
TC = 25°C
1.0
3.0 5.0
VCE = 1.0 V
20
100
30 50
200 300
25°C
−55°C
0.5
2.0
5.0
200
20
50
−2.0
−500
−0.5
IC, COLLECTOR CURRENT (mA)
400
200
100
80
60
40
−10
TJ = 125°C
−1.0
−5.0
VCE = −1.0 V
−20
−100
−50
−200
25°C
−55°C
−10
−500
−1.0
IC, COLLECTOR CURRENT (mA)
−1.0
−0.8
−0.6
−0.4
−0.2
0
−100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = −1.0 V
−0.5
−2.0
−5.0
−200
−20
−50
700
300
30
70
1.0 ms
1.0 s
TA = 25°C
MPSA55
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
MPSA56
100 ms
TC = 25°C
−3.0
−7.0
−30
−100
−70
−30
−70
−300
−700


Similar Part No. - MPSA06RLRP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSA06RLRP ONSEMI-MPSA06RLRP Datasheet
89Kb / 7P
   Amplifier Transistors
April, 2007 ??Rev. 3
MPSA06RLRPG ONSEMI-MPSA06RLRPG Datasheet
89Kb / 7P
   Amplifier Transistors
April, 2007 ??Rev. 3
More results

Similar Description - MPSA06RLRP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com