Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048K320T009 Datasheet(PDF) 2 Page - Vicor Corporation

Part # V048K320T009
Description  VI Chip - PRM-AL Pre-regulator Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048K320T009 Datasheet(HTML) 2 Page - Vicor Corporation

  V048K320T009 Datasheet HTML 1Page - Vicor Corporation V048K320T009 Datasheet HTML 2Page - Vicor Corporation V048K320T009 Datasheet HTML 3Page - Vicor Corporation V048K320T009 Datasheet HTML 4Page - Vicor Corporation V048K320T009 Datasheet HTML 5Page - Vicor Corporation V048K320T009 Datasheet HTML 6Page - Vicor Corporation V048K320T009 Datasheet HTML 7Page - Vicor Corporation V048K320T009 Datasheet HTML 8Page - Vicor Corporation V048K320T009 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Pre-Regulator Module
P048K048T24AL
Rev. 1.4
Page 2 of 15
PRELIMINARY
Overview of Adaptive Loop Compensation
Adaptive Loop compensation, illustrated in Figure 1, contributes to
the bandwidth and speed advantage of Factorized Power. The PRM
monitors its output current and automatically adjusts its output
voltage to compensate for the voltage drop in the output
resistance of the VTM. ROS sets the desired value of load voltage,
Vout; RCD is set to a value that compensates for the output
resistance of the VTM (which, ideally, is located at the point of
load). For selection of ROS and RCD, refer to Table 1 or Page 9.
The V•I Chip’s bi-directional VC port :
1. Provides a wake up signal from the PRM to the VTM that
synchronizes the rise of the VTM output voltage to that of the PRM.
2. Provides feedback from the VTM to the PRM to enable the PRM
to compensate for the voltage drop in VTM output resistance, RO.
-In
PC
VC
TM
+In
-Out
+Out
VTM
+Out
-Out
K
Ro
+Out
–Out
+In
–In
VC
PC
TM
IL
VH
PR
NC
SG
SC
PRM-AL
OS
NC
CD
L
O
A
D
Factorized
Bus (Vf)
Vo = VL ± 1.0%
(Io•Ro)
K
Vf =
VL
+
K
Vin
ROS
RCD
Output Power
Designator
(=Pf /10)
P
048
K
048
T
24
AL
Pre-Regulator
Module
Input Voltage
Designator
Product Grade Temperatures (°C)
Grade
Storage
Operating
T
-40 to150 -40 to125
M
-65 to150 -55 to125
Configuration Options
F = Onboard (Fig.22)
K = Inboard (Fig.21)
Nominal
Factorized Bus
Voltage
AL = Adaptive Loop
Desired Load Voltage (Vdc)
VTM P/N(1)
Max VTM Output Current (A)(2)
ROS (kΩ)(3)
RCD (Ω)(3)
1.0
V048K015T100
100
3.57
26.1
1.2
V048K015T100
100
2.94
32.4
1.5
V048K015T090
90
2.37
39.2
1.8
V048K020T080
80
2.61
35.7
2.0
V048K020T080
80
2.37
39.2
3.3
V040K033T060
60
2.15
43.2
5.0
V048K060T040
40
2.87
33.2
10
V048K120T025
25
2.26
41.2
12
V048K120T025
25
2.37
39.2
15
V048K160T019
18.8
2.49
37.4
24
V048K240T012
12.5
2.37
39.2
28
V048K320T009
9.4
2.74
35.7
36
V048K480T006
6.3
3.16
30.1
48
V048K480T006
6.3
2.37
39.2
Table 1 — Configure your Chip Set using the PRM-AL
Note:
(1) Verify the configuration option and product grade temperature before ordering as shown above.
(2) See “PRM output power vs. VTM output power” on Page 10
(3) 1% precision resistors recommended
Figure 1 — With Adaptive Loop control the output of the VTM is regulated over the load current range with only a single interconnect between the PRM and
VTM and without the need for isolation in the feedback path.
General Specifications
V•I Chip Pre-Regulator Module
Part Numbering


Similar Part No. - V048K320T009

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048K015T090 VICOR-V048K015T090 Datasheet
497Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K015T100 VICOR-V048K015T100 Datasheet
447Kb / 16P
   VI Chip - VTM Voltage Transformation Module
V048K015T80 VICOR-V048K015T80 Datasheet
630Kb / 20P
   VI Chip - VTM Voltage Transformation Module
V048K020T080 VICOR-V048K020T080 Datasheet
438Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048K030T070 VICOR-V048K030T070 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
More results

Similar Description - V048K320T009

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P048F048T24AL VICOR-P048F048T24AL Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
P048F048T12AL VICOR-P048F048T12AL Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
   PRM-AL Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com