Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA14RLRAG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MPSA14RLRAG
Description  Darlington Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA14RLRAG Datasheet(HTML) 4 Page - ON Semiconductor

  MPSA14RLRAG Datasheet HTML 1Page - ON Semiconductor MPSA14RLRAG Datasheet HTML 2Page - ON Semiconductor MPSA14RLRAG Datasheet HTML 3Page - ON Semiconductor MPSA14RLRAG Datasheet HTML 4Page - ON Semiconductor MPSA14RLRAG Datasheet HTML 5Page - ON Semiconductor MPSA14RLRAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPSA13, MPSA14
http://onsemi.com
4
SMALL−SIGNAL CHARACTERISTICS
Figure 6. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
5.0
7.0
10
20
3.0
Figure 7. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
2.0
200k
5.0
0.04
4.0
2.0
1.0
0.8
0.6
0.4
0.2
TJ = 25°C
1.5
2.0
2.5
3.0
1.0
0.5
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
Cibo
Cobo
0.5
1.0
2.0
0.5
10
20
50
100 200
500
VCE = 5.0 V
f = 100 MHz
TJ = 25°C
100k
70k
50k
30k
20k
10k
7.0k
5.0k
3.0k
2.0k
7.0
10
20
30
50 70 100
200 300
500
TJ = 125°C
25°C
−55 °C
VCE = 5.0 V
0.1 0.2
0.5 1.0 2.0
5.0 10 20
50
100 200
500 1000
TJ = 25°C
IC = 10 mA 50 mA
250 mA
500 mA
Figure 10. “On” Voltages
IC, COLLECTOR CURRENT (mA)
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.6
5.0
−1.0
1.4
1.2
1.0
0.8
0.6
7.0
10
20
30
50 70 100 200 300
500
VBE(sat) @ IC/IB = 1000
TJ = 25°C
VBE(on) @ VCE = 5.0 V
VCE(sat) @ IC/IB = 1000
−2.0
−3.0
−4.0
−5.0
−6.0
5.0 7.0 10
20
30
50 70 100
200 300
500
25°C TO 125°C
−55 °C TO 25°C
*RqVC FOR VCE(sat)
qVB FOR VBE
25°C TO 125°C
−55 °C TO 25°C
*APPLIES FOR IC/IB ≤ hFE/3.0


Similar Part No. - MPSA14RLRAG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA14 MOTOROLA-MPSA14 Datasheet
225Kb / 6P
   Darlington Transistors
logo
SEMTECH ELECTRONICS LTD...
MPSA14 SEMTECH_ELEC-MPSA14 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Inchange Semiconductor ...
MPSA14 ISC-MPSA14 Datasheet
241Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
NXP Semiconductors
MPSA14 PHILIPS-MPSA14 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 27
logo
Daya Electric Group Co....
MPSA14 DAYA-MPSA14 Datasheet
590Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - MPSA14RLRAG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
   SILICON NPN DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50-BSP52 INFINEON-BSP50-BSP52 Datasheet
570Kb / 8P
   NPN Silicon Darlington Transistors
2011-10-05
logo
Central Semiconductor C...
BSS50 CENTRAL-BSS50 Datasheet
94Kb / 2P
   NPN SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50 INFINEON-BSP50_07 Datasheet
120Kb / 8P
   NPN Silicon Darlington Transistors
2007-03-30
BCV27 INFINEON-BCV27_07 Datasheet
76Kb / 8P
   NPN Silicon Darlington Transistors
2007-04-20
logo
Siemens Semiconductor G...
BD675 SIEMENS-BD675 Datasheet
134Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD861 SIEMENS-BD861 Datasheet
111Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
logo
ON Semiconductor
MPSA12 ONSEMI-MPSA12 Datasheet
48Kb / 3P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 1
logo
Infineon Technologies A...
BCV29 INFINEON-BCV29 Datasheet
47Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
150Kb / 6P
   Darlington Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com