Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L64733C Datasheet(PDF) 1 Page - LSI Computer Systems

Part # L64733C
Description  Tuner and Satellite Receiver Chipset
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

L64733C Datasheet(HTML) 1 Page - LSI Computer Systems

  L64733C Datasheet HTML 1Page - LSI Computer Systems L64733C Datasheet HTML 2Page - LSI Computer Systems L64733C Datasheet HTML 3Page - LSI Computer Systems L64733C Datasheet HTML 4Page - LSI Computer Systems L64733C Datasheet HTML 5Page - LSI Computer Systems L64733C Datasheet HTML 6Page - LSI Computer Systems L64733C Datasheet HTML 7Page - LSI Computer Systems L64733C Datasheet HTML 8Page - LSI Computer Systems L64733C Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
August 2000
1
Copyright © 1999, 2000 by LSI Logic Corporation. All rights reserved.
L64733/L64734
Tuner and Satellite
Receiver Chipset
Datasheet
The L64733/34 chipset is designed specifically to meet the needs of
satellite broadcast digital TV and is compliant with the European digital
video broadcast (DVB-S) standard and the technical specifications for
DSS systems. The chipset forms a complete “L-Band to bits” system.
A typical application of the L64733/34 chipset is satellite digital TV
reception in accordance with ETS 300 421. Figure 1 shows the
L64733/34 chipset satellite receiver implemented in a typical satellite
receiver set-top decoder box.
Figure 1
Block Diagram of Set-Top Decoder Box Using the L64733/34 Chipset
The L64733/34 chipset consists of the L64734 Satellite Receiver IC, the
L64733 Tuner IC, and an on-chip synthesizer. Figure 2 shows a simplified
block diagram of this chipset.
CO
[7:0]
PCM
L64733
Transport
256K x 16
VCXO
256K x 64
DRAM
SDRAM
PAL / NTSC
NTSC
PAL
S-Video
L-Speaker
R-Speaker
27 MHz
Audio/Video PES
CCIR601VIDEO
PCM AUDIO
Encoder
Audio DAC
Satellite In
64/32
16
High-Speed
Port
8
Audio
Oversampling
Clock
/
/
8
/
8
/
3
/
2
/
Audio/Video
256K x 32
Demux
Decoder
Decryption
Engine
Optional
8
/
Microprocessor
L64733/L64734 Chipset
Optional
Microprocessor
Data and
Address Bus
L64734
RF Out
(Loop Through)


Similar Part No. - L64733C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6470 STMICROELECTRONICS-L6470 Datasheet
814Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
L6470H STMICROELECTRONICS-L6470H Datasheet
814Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
L6470H STMICROELECTRONICS-L6470H Datasheet
743Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
L6470HTR STMICROELECTRONICS-L6470HTR Datasheet
814Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
L6470HTR STMICROELECTRONICS-L6470HTR Datasheet
743Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
More results

Similar Description - L64733C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
   Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
   Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G06 SHARP-BSFH77G06 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G25 SHARP-BSFH77G25 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH78G14 SHARP-BSFH78G14 Datasheet
53Kb / 2P
   Satellite Tuner
BSFH77G07 SHARP-BSFH77G07 Datasheet
53Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com