Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD03-15D5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FDD03-15D5
Description  DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FDD03-15D5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FDD03-15D5 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDD03-15D5 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDD03-15D5 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDD03-15D5 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
sales@chinfa.com
APPLICATION CIRCUIT
Vo +
Vo -
C2
C1
Vi+
Vi-
10
TAN
a. SINGLE OUTPUT MODELS :
(BOTTOM VIEW)
Vo -
Vo +
C2
C1
Vi +
Vi -
10
G
b. DUAL OUTPUT MODELS :
(BOTTOM VIEW)
a. C1=4.7 F /100V, C2=10 F
b. C1 MUST BE ADDED WHEN APPLICATION .
c. C2 OPTIONAL TO MINIMIZE THE R&N <100mV .
d. MAX. 80% LOAD WHEN INPUT VOLTAGE AT 9-11VDC FOR 9-36VDC INPUT MODELS &
18-21VDC FOR 18-72VDC INPUT MODELS .
NOTE:
MECHANISM & PIN CONFIGURATION
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
20.3 x 31.8 x 12.7 mm 0.8 x 1.25 x 0.5 inches
Plastic
15 g
PIN ASSIGNMENT
PIN NO.
SINGLE
DUAL
2&3
9
10&15
11
14
16
22&23
Vi -
N. C.
Vo+
Vi+
Vi -
com
Vi+
GENERAL
N. C.
N. C.
N. C.
Vo-
Vo+
Vo -
com
mm [inch]
FDD03 SERIES
SINGLE & DUAL OUTPUT
DERATING
NATURAL
CONVECTION
COOLING
0
100
o
Ambient Temperature [ C ]
71
90
-25
20.32 [0.80]
12.70 [0.50]
DIA 0.50 [0.02]
5.08 [0.20]
BOTTOM VIEW
31.75 [1.25]
15.24 [0.60]
2.54 [0.10]
23 22
16
14
2 3
9 1011
15
www.chinfa.com


Similar Part No. - FDD03-15D5

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
FDD03-15D5 CHINFA-FDD03-15D5 Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
FDD03-15D5A CHINFA-FDD03-15D5A Datasheet
335Kb / 4P
   DC - DC CONVERTER 2.5 ~ 3W WITH REMOTE FUNCTION
FDD03-15D5U CHINFA-FDD03-15D5U Datasheet
448Kb / 8P
   DC - AC CONCERTER 2~3W SINGLE & DUAL OUTPUT
More results

Similar Description - FDD03-15D5

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
FDD03U CHINFA-FDD03U Datasheet
495Kb / 8P
   DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
logo
MORNSUN Science& Techno...
WRB0503T-2W MORNSUN-WRB0503T-2W Datasheet
165Kb / 2P
   3W SINGLE OUTPUT DC/DC CONVERTER
logo
Superworld Electronics
SW3R24S03WF SUPERWORLD-SW3R24S03WF Datasheet
198Kb / 2P
   3W Wide Input Single & Dual Output DC-DC Converter
logo
Mean Well Enterprises C...
DCW03 MEANWELL-DCW03_11 Datasheet
211Kb / 1P
   3W DC-DC Regulated Dual Output Converter
SCW03 MEANWELL-SCW03_11 Datasheet
218Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPU03 MEANWELL-SPU03 Datasheet
54Kb / 1P
   3W DC-DC Unregulated Single Output Converter
DCW03 MEANWELL-DCW03 Datasheet
210Kb / 1P
   3W DC-DC Regulated Dual Output Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03 Datasheet
195Kb / 1P
   3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03_11 Datasheet
197Kb / 1P
   3W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com