Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5903 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HFBR-5903
Description  FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5903 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5903 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5903 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5903 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5903 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5903 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5903 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-5903 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-5903 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HFBR-5903 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. Limits apply to each parameter in
isolation, all other parameters having values within the recommended operating conditions. It should not be assumed that limiting values
of more than one parameter can be applied to the product at the same time. Exposure to the absolute maximum ratings for extended
periods can adversely affect device reliability.
Notes:
A. Ambient Operating Temperature corresponds to transceiver case temperature of 0°C mininum to +85 °C maximum with necessary airflow applied.
Recommended case temperature measurement point can be found in Figure 2.
B. Ambient Operating Temperature corresponds to transceiver case temperature of -40 °C mininum to +100 °C maximum with necessary airflow
applied. Recommended case temperature measurement point can be found in Figure 2.
Parameter
Symbol
Minimum Typical
Maximum Unit
Reference
Storage Temperature
TS
-40
+100
°C
Lead Soldering Temperature
TSOLD
+260
°C
Lead Soldering Time
tSOLD
10
sec.
Supply Voltage
VCC
-0.5
3.6
V
Data Input Voltage
VI
-0.5
VCC
V
Differential Input Voltage (p-p)
VD
2.0
V
Note 1
Output Current
IO
50
mA
Parameter
Symbol
Minimum Typical
Maximum Unit
Reference
Ambient Operating Temperature
HFBR-5903/5903E
HFBR-5903A
TA
TA
0
-40
+70
+85
°C
°C
Note A
Note B
Supply Voltage
VCC
3.135
3.465
V
Data Input Voltage - Low
VIL - VCC
-1.810
-1.475
V
Data Input Voltage - High
VIH - VCC
-1.165
-0.880
V
Data and Signal Detect Output Load
RL
50
W
Note 2
Differential Input Voltage (p-p)
VD
0.800
V
Parameter
Symbol
Minimum Typical
Maximum Unit
Reference
Supply Current
ICC
133
175
mA
Note 3
Power Dissipation
PDISS
0.45
0.60
W
Note 5a
Data Input Current - Low
IIL
-350
-2
µA
Data Input Current - High
IIH
18
350
µA
Parameter
Symbol
Minimum Typical
Maximum Unit
Reference
Supply Current
ICC
65
120
mA
Note 4
Power Dissipation
PDISS
0.225
0.415
W
Note 5b
Data Output Voltage - Low
VOL - VCC
-1.840
-1.620
V
Note 6
Data Output Voltage - High
VOH - VCC
-1.045
-0.880
V
Note 6
Data Output Rise Time
tr
0.35
2.2
ns
Note 7
Data Output Fall Time
tf
0.35
2.2
ns
Note 7
Signal Detect Output Voltage - Low
VOL - VCC
-1.840
-1.620
V
Note 6
Signal Detect Output Voltage - High
VOH - VCC
-1.045
-0.880
V
Note 6
Signal Detect Output Rise Time
tr
0.35
2.2
ns
Note 7
Signal Detect Output Fall Time
tf
0.35
2.2
ns
Note 7
Power Supply Noise Rejection
PSNR
50
mV
Receiver Electrical Characteristics
HFBR-5903/5903E (TA = 0°C to +70°C, VCC = 3.135 V to 3.465 V)
HFBR-5903A (TA = -40°C to +85°C, VCC = 3.135 V to 3.465 V)
Transmitter Electrical Characteristics
HFBR-5903/5903E (TA = 0°C to +70°C, VCC = 3.135 V to 3.465 V)
HFBR-5903A (TA = -40°C to +85°C, VCC = 3.135 V to 3.465 V)
Recommended Operating Conditions


Similar Part No. - HFBR-5903

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5903 AVAGO-HFBR-5903 Datasheet
213Kb / 16P
   Manufactured in an ISO 9002 certifi ed facility
More results

Similar Description - HFBR-5903

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
Broadcom Corporation.
AFBR-5903Z BOARDCOM-AFBR-5903Z Datasheet
423Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803AQZ AVAGO-AFBR-5803AQZ Datasheet
489Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
AFBR-5103Z AVAGO-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5103Z BOARDCOM-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
AFBR-5803Z HP-AFBR-5803Z Datasheet
287Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803Z AVAGO-AFBR-5803Z Datasheet
506Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
AFBR-5905Z AVAGO-AFBR-5905Z Datasheet
338Kb / 13P
   ATM Multimode Fiber Transceivers in 2 x 5 Package Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com